전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29018IROZ-T7 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL29018IROZ-T7
상세설명  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29018IROZ-T7 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL29018IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29018IROZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6619.0
March 3, 2009
Principles of Operation
Photodiodes and ADC
The ISL29018 contains two photodiode arrays which convert
light into current. The spectral response for ambient light
sensing and IR sensing is shown in Figure 6 in the performance
curves section. After light is converted to current during the light
signal process, the current output is converted to digital by a
built-in 16-bit Analog-to-Digital Converter (ADC). An I2C
command reads the ambient light or IR intensity in counts.
The converter is a charge-balancing integrating type 16-bit
ADC. The chosen method for conversion is best for converting
small current signals in the presence of an AC periodic noise. A
100ms integration time, for instance, highly rejects 50Hz and
60Hz power line noise simultaneously. See “Integration and
Conversion Time” on page 9.
The built-in ADC offers user flexibility in integration time or
conversion time. Integration time is determined by an internal
oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter inside
the ADC. A good balancing act of integration time and
resolution depending on the application is required for optimal
results.
The ADC has I2C programmable range select to dynamically
accommodate various lighting conditions. For very dim
conditions, the ADC can be configured at its lowest range
(Range 1) in the ambient light sensing. For very bright
conditions, the ADC can be configured at its highest range
(Range 4) in the proximity sensing.
Low-Power Operation
The ISL29018 initial operation is at the power-down mode
after a supply voltage is provided. The data registers contain
the default value of 0. When the ISL29018 receives an I2C
command to do a one-time measurement from an I2C master,
it will start ADC conversion with light or proximity sensing. It
will go to the power-down mode automatically after one
conversion is finished and keep the conversion data available
for the master to fetch anytime afterwards. The ISL29018 will
continuously do ADC conversion with light or proximity
sensing if it receives an I2C command of continuous
measurement. It will continuously update the data registers
with the latest conversion data. It will go to the power-down
mode after it receives the I2C command of power-down.
Ambient Light, IR and Proximity Sensing
There are six operational modes in ISL29018: Programmable
ALS once with auto power-down, programmable IR sensing
once with auto power-down, programmable proximity sensing
once with auto power-down; programmable continuous ALS
sensing, programmable continuous IR sensing and
programmable continuous proximity sensing. These six
modes can be programmed in series to fulfill the application
ISDA, IINT
SDA and INT Current Sinking Capability
4
5
mA
IIRDR1
IRDR Source Current
IS<1:0> = 0 (Note 5)
15
Ω at IRDR pin
100
mA
IIRDR2
IRDR Source Current
IS<1:0> = 1 (Note 5)
44
50
58
mA
IIRDR3
IRDR Source Current
IS<1:0> = 2 (Note 5)
25
mA
IIRDR4
IRDR Source Current
IS<1:0> = 3 (Note 5)
12.5
mA
VIRLED
Voltage Head Room of IRDR Pin
VDD - 0.6
V
tr
Rise Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 20% to 80%
35
ns
tf
Fall Time for IRDR Source Current
RLOAD = 15Ω at IRDR pin, 80% to 20%
10
ns
fIRLED1
IR LED Modulation Frequency
Freq = 0 (Note 5)
DC
kHz
fIRLED2
IR LED Modulation Frequency
Freq = 1 (Note 5)
360
kHz
ISUP (IRLED1) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 0 (Note 5)
101
mA
ISUP (IRLED2) Supply Current of Proximity Sensing
IS<1:0> = 0, Freq = 1 (Note 5)
51
mA
Duty Cycle
Duty Cycle of IR LED Modulation
50
%
PROX-IR
PROX
Differential ADC Output of IR and Proximity
Sensing With Object Far Away to Provide
No Reflection
IR and proximity sensing with Range 2 and Scheme 0;
15
Ω @ IRDR pin, IS<1:0> = 0, Freq = 0; E = 210 lux,
Sunlight.
1.0
%
NOTES:
2. VSUP is the common voltage to VDDD and VDDA.
3. 550nm green LED is used in production test. The 550nm LED irradiance is calibrated to produce the same DATA count against an illuminance
level of 300 lux fluorescent light.
4. 850nm infrared LED is used in production test. The 850nm LED irradiance is calibrated to produce the same DATA_IR count against an illuminance
level of 210 lux sunlight at sea level.
5. See “Register Set” on page 7.
Electrical Specifications
VSUP(VDDD,VDDA) = 3V, TA = +25°C, REXT = 499kΩ 1% tolerance, 16-bit ADC operation, unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
ISL29018


유사한 부품 번호 - ISL29018IROZ-T7

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018IROZ-T7 RENESAS-ISL29018IROZ-T7 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

유사한 설명 - ISL29018IROZ-T7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com