전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6114EVAL1Z 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL6114EVAL1Z
상세설명  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6114EVAL1Z 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL6114EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL6114EVAL1Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN6457.0
September 25, 2007
I/O TIMING PARAMETERS
12V Current Limit Response Time
tOFF(12V)
CGATE = 25pF
VIN – VSENSE = 140mV
1
2.1
µs
3.3V Current Limit Response Time
tOFF(3V)
CGATE = 25pF
VIN – VSENSE = 140mV
0.3
1
µs
VAUX Current Limit Response Time
tSC(TRAN)
VAUX = 0V, VSTBY = +3.3V
2.5
µs
Delay from MAIN Overcurrent to FAULT
output
tPROP (12V FAULT
or 3V FAULT)
CFILTER = 0
VIN – VSENSE = 140mV
1
µs
Delay from VAUX Overcurrent to FAULT
Output
tPROP(VAUXFAULT) ILIM(AUX) to FAULT output
CFILTER = 0 VAUX output
grounded
1
µs
ON, AUXEN, PRSNT Min Pulse Width
tmin
100
ns
Power-On Reset Time after VSTBY
Becomes Valid
tPOR
250
µs
Auto-Retry Period
tRETRY
R/L tied to GND, Any OC Event
0.75
1.4
3
s
Presence Detect Delay to Auto Enable
tPRSNT_ON
PRSNT = high to low
4
6.5
9
ms
Presence Detect Delay to Disable
tPRSNT_OFF
PRSNT = low to high
2.5
µs
GPI to GPO Propagation Delay
tGPI-GPO
GPI high/low to GPO high/low
4
6
8
ms
Delay of Main Power Good to Reporting tPVPERL
PWRGD low to PERST high.
105
145
185
ms
Power Supply Disabled to PERST Low
tPERST
ON Low to PERST Low
100
ns
NOTE:
4. Limits should be considered typical and are not production tested.
Electrical Specifications
12VIN = 12V, 3VIN and VSTBY = +3.3V, TA = TJ = -40°C to +85°C, Unless Otherwise Specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISL6113, ISL6114


유사한 부품 번호 - ISL6114EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL6114EVAL1Z RENESAS-ISL6114EVAL1Z Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

유사한 설명 - ISL6114EVAL1Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com