전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54054IHZ-T 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL54054IHZ-T
상세설명  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54054IHZ-T 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL54054IHZ-T Datasheet HTML 1Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 2Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 3Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54054IHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6461.2
October 19, 2009
OFF Isolation
(Single Nx Input)
RL = 50Ω, CL = 5pF, f = 100kHz,
VCOM =1VRMS (See Figure 3)
25
-
83
-
dB
-3dB Bandwidth
(Nx Inputs Connected)
RL = 50Ω
25
-
72
-
MHz
-3dB Bandwidth
(Single Nx Input)
RL = 50Ω
25
-
138
-
MHz
NO or NC OFF Capacitance,
COFF (Nx Inputs Connected)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
30
-
pF
COM ON Capacitance,
CCOM(ON) (Nx Inputs
Connected)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
62
-
pF
NO or NC OFF Capacitance,
COFF (Single Nx Input)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
16
-
pF
COM ON Capacitance,
CCOM(ON) (Single Nx Input)
f = 1MHz, VNO or VNC = VCOM = 0V
(See Figure 5)
25
-
89
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.8
-
5.5
V
Positive Supply Current, I+
(μTDFN)
V+ = 5.5V, VIN = 0V or V+
25
-
-
0.5
μA
Full
-
-
1.0
μA
Positive Supply Current, I+
(SOT-23)
V+ = 5.5V, VIN = 0V or V+
25
-
-
0.5
μA
Full
-
-
1.4
μA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Voltage High, VINH
Full
2.4
--
V
Input Current, IINH, IINL
V+ = 5.5V, VIN = 0V or V+
Full
-1
-
1
μA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.6V, GND = 0V, VINH = 1.4V, VINL = 0.5V
(Note 9), Unless Otherwise Specified. Boldface limits apply over the operat-
ing temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range,
VANALOG
Full
0
-
V+
V
ON-Resistance, rON
(Nx Inputs Connected)
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+, (See Figure 4, Note 13)
25
-
0.57
0.65
Ω
Full
-
0.73
1.0
Ω
rON Flatness, rFLAT(ON)
(Nx Inputs Connected)
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+, (Notes 12, 13)
25
-
0.2
0.4
Ω
Full
-
0.2
0.5
Ω
ON-Resistance, rON
(Single Nx Input)
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+, (See Figure 4, Note 13)
25
-
1.3
1.7
Ω
Full
-
1.6
2.0
Ω
rON Flatness, rFLAT(ON)
(Single Nx Input)
V+ = 2.7V, ICOM = 100mA, VNO or
VNC = 0V to V+, (Notes 12, 13)
25
-
0.4
0.6
Ω
Full
-
0.4
0.7
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL =50Ω,
CL = 35pF (See Figure 1)
25
-
22
-
ns
Full
-
25
-
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL =50Ω,
CL = 35pF (See Figure 1)
25
-
17
-
ns
Full
-
20
-
ns
Electrical Specifications - 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V
(Note 9), Unless Otherwise Specified
. Boldface limits apply over the operat-
ing temperature range, -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ISL54054, ISL54055


유사한 부품 번호 - ISL54054IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54054IHZ-T RENESAS-ISL54054IHZ-T Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
More results

유사한 설명 - ISL54054IHZ-T

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54054 RENESAS-ISL54054 Datasheet
707Kb / 13P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
logo
Intersil Corporation
ISL54054_0709 INTERSIL-ISL54054_0709 Datasheet
431Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST/1:2 Distribution Analog Switch
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com