전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL45041 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL45041
상세설명  TFT-LCD I2C Programmable VCOM Calibrator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL45041 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL45041 Datasheet HTML 1Page - Intersil Corporation ISL45041 Datasheet HTML 2Page - Intersil Corporation ISL45041 Datasheet HTML 3Page - Intersil Corporation ISL45041 Datasheet HTML 4Page - Intersil Corporation ISL45041 Datasheet HTML 5Page - Intersil Corporation ISL45041 Datasheet HTML 6Page - Intersil Corporation ISL45041 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FN6189.1
April 4, 2006
I2C
SCL Clock Frequency
FSCL
Full
0
-
400
kHz
I2C Clock High Time
tSCH
Full
0.6
-
-
μs
I2C Clock Low Time
tSCL
Full
1.3
-
-
μs
I2C Spike Rejection Filter Pulse Width
tDSP
Full
0
-
50
ns
I2C Data Set-up Time
tSDS
Full
100
-
-
ns
I2C Data Hold Time
tSDH
Full
0
-
900
ns
I2C SDA, SCL Input Rise Time
tICR
Dependent on Load (Note 6)
Full
-
20 + 0.1*
Cb
1000
ns
I2C SDA, SCL Input Fall Time
tICF
(Note 6)
Full
-
20 + 0.1*
Cb
300
ns
I2C Bus Free Time Between Stop and
Start
tBUF
Full
1.3
-
-
μs
I2C Repeated Start Condition Set-up
tSTS
Full
0.6
-
-
μs
I2C Repeated Start Condition Hold
tSTH
Full
0.6
-
-
μs
I2C Stop Condition Set-up
tSPS
Full
0.6
-
-
μs
I2C Bus Capacitive Load
Cb
Full
-
-
400
pF
Capacitance on SDA
CSDA
Full
-
-
10
pF
Capacitance on SCL
CS
WP = 0
Full
-
-
10
pF
WP = 1
-
-
22
Write Cycle Time
TW
Full
-
-
100
ms
NOTES:
2. Tested at AVDD = 20V.
3. Simulated and Determined via Design and NOT Directly Tested.
4. Simulated Maximum Current Draw when Programming EEPROM is 23mA, should be considered when designing Power Supply.
5. A Typical Current of 20
μA is Calculated using the AVDD = 10V and RSET = 24.9kΩ. The maximum suggested SET Current should be 120μA.
6. Simulated and Designed According to I2C Specifications.
Electrical Specifications
Test Conditions: VDD = 3V, AVDD = 10V, OUT = 5V, RSET = 24.9kΩ; Unless Otherwise Specified.
Typicals are at TA = 25°C (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP (°C)
MIN
TYP
MAX
UNITS
ISL45041


유사한 부품 번호 - ISL45041

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL45041 INTERSIL-ISL45041 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041 INTERSIL-ISL45041 Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041 INTERSIL-ISL45041 Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
ISL45041EVAL1Z INTERSIL-ISL45041EVAL1Z Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
More results

유사한 설명 - ISL45041

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Renesas Technology Corp
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
Intersil Corporation
ISL45041_1012 INTERSIL-ISL45041_1012 Datasheet
352Kb / 7P
   TFT-LCD I2C Programmable VCOM Calibrator
logo
STMicroelectronics
STVM100 STMICROELECTRONICS-STVM100 Datasheet
286Kb / 27P
   I2C LCD VCOM calibrator
logo
Maxim Integrated Produc...
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
National Semiconductor ...
LM8342 NSC-LM8342 Datasheet
949Kb / 16P
   Programmable TFT VCOM Calibrator with Non-Volatile
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com