전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29020IROZ-EVALZ 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL29020IROZ-EVALZ
상세설명  A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29020IROZ-EVALZ 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL29020IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29020IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6505.0
September 26, 2008
Principles of Operation
Photodiodes and ADC
The ISL29020 contains two photodiode arrays which convert
light into current. The spectral response for ambient light
sensing and IR sensing is shown in Figure 8 in the “Typical
Performance Curves” on page 9. After light is converted to
current during the light signal process, the current output is
converted to digital by a single built-in 16-bit Analog-to-Digital
Converter (ADC). An I2C command reads the ambient light or
IR intensity in counts.
The converter is a charge-balancing integrating type 16-bit
ADC. The chosen method for conversion is best for converting
small current signals in the presence of an AC periodic noise. A
100ms integration time, for instance, highly rejects 50Hz and
60Hz power line noise simultaneously. See “Integration Time or
Conversion Time” on page 6 and “Noise Rejection” on page 7.
The built-in ADC offers user flexibility in integration time or
conversion time. There are two timing modes: Internal Timing
Mode and External Timing Mode. In Internal Timing Mode,
integration time is determined by an internal oscillator (fOSC),
and the n-bit (n = 4, 8, 12,16) counter inside the ADC. In
External Timing Mode, integration time is determined by the
time between two consecutive I2C External Timing Mode
commands. See “External Timing Mode” on page 6. A good
balancing act of integration time and resolution depending on
the application is required for optimal results.
The ADC has I2C programmable ranges to dynamically
accommodate various lighting conditions. For very dim
conditions, the ADC can be configured at its lower range
(Range 1). For bright conditions, the ADC can be configured
at its higher range (Range 2).
I2C Interface
There are three 8-bit registers available inside the ISL29020.
The command register defines the operation of the device.
The command register does not change until the register is
overwritten. The two data registers are Read-Only for 16-bit
ADC output or timer output. The data registers contain the
ADC's or timer’s latest digital output.
The ISL29020’s I2C interface slave address can be selected
as 1000100 or 1000101 by connecting A0 pin to GND or
VDD, respectively. When 1000100x or 1000101x with x as R
or W is sent after the Start condition, this device compares
the first seven bits of this byte to its address and matches.
Figure 1 shows a sample one-byte read. Figure 2 shows a
sample one-byte write. Figure 3 shows a sync_I2C timing
diagram sample for externally controlled integration time. The
I2C bus master always drives the SCL (clock) line, while either
the master or the slave can drive the SDA (data) line. Every
I2C transaction begins with the master asserting a start
condition (SDA falling while SCL remains high). The following
byte is driven by the master, and includes the slave address
and read/write bit. The receiving device is responsible for
pulling SDA low during the acknowledgement period. Every
I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult
the Philips® I2C specification documents.
Low-Power Operation
The ISL29020 initial operation is at the power-down mode
after a supply voltage is provided. The data registers contain
the default value of 0. When the ISL29020 receives an I2C
command to do a one-time measurement from an I2C
master, it will start light sensing and ADC conversion. It will
go to the power-down mode automatically after one
conversion is finished and keep the conversion data
available for the master to fetch anytime afterwards. The
ISL29020 will continuously do light sensing and ADC
conversion if it receives an I2C command of continuous
measurement. It will continuously update the data registers
with the latest conversion data. It will go to the power-down
mode after it receives the I2C command of power-down.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDD
Positive supply; connect this pin to a 2.25V to 3.3V supply.
2
GND
Ground pin.
3
REXT
External resistor pin for ADC reference; connect this pin to ground through a (nominal) 500k
Ω resistor.
4A0
Bit 0 of I2C address; ground or tie this pin to VDD. No floating.
5SCL
I2C serial clock
The I2C bus lines can be pulled from 1.7V to above VDD, 3.6V max.
6SDA
I2C serial data
ISL29020


유사한 부품 번호 - ISL29020IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-EVALZ INTERSIL-ISL29020IROZ-EVALZ Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL29020IROZ-EVALZ RENESAS-ISL29020IROZ-EVALZ Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
More results

유사한 설명 - ISL29020IROZ-EVALZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29020 RENESAS-ISL29020 Datasheet
750Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
logo
Intersil Corporation
ISL29020 INTERSIL-ISL29020 Datasheet
487Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
ISL29020IROZ-T7 INTERSIL-ISL29020IROZ-T7 Datasheet
445Kb / 11P
   A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface
August 20, 2009
logo
Renesas Technology Corp
ISL76682 RENESAS-ISL76682 Datasheet
719Kb / 19P
   Automotive Low Power, High Sensitivity, Light-to-Digital Sensor with I2C Interface
Oct 6, 2021
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Intersil Corporation
ISL29010 INTERSIL-ISL29010 Datasheet
531Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
logo
Vishay Siliconix
VEML3235 VISHAY-VEML3235 Datasheet
236Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
VEML3235 VISHAY-VEML3235_V01 Datasheet
235Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2022
VEML6035 VISHAY-VEML6035_V02 Datasheet
223Kb / 15P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
VEML3235SL VISHAY-VEML3235SL_V02 Datasheet
446Kb / 13P
   Low Power, High Sensitivity, I2C Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com