전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL22319WFU8Z 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL22319WFU8Z
상세설명  Single Digitally Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22319WFU8Z 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL22319WFU8Z Datasheet HTML 1Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 2Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 3Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 4Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 5Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 6Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 7Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 8Page - Intersil Corporation ISL22319WFU8Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6310.0
July 3, 2006
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 5)
MAX
UNIT
ICC1
VCC Supply Current (volatile
write/read)
10k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
1mA
VCC Supply Current (volatile
write/read, non-volatile read)
50k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
0.5
mA
ICC2
VCC Supply Current ( non-volatile
write/read)
10k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
3.2
mA
VCC Supply Current (non-volatile
write/read)
50k DCP, fSCL = 400kHz; (for I
2C active,
read and write states)
2.7
mA
ISB
VCC Current (standby)
VCC = +5.5V , 10k DCP, I
2C interface in
standby state
850
µA
VCC = +3.6V, 10k DCP, I
2C interface in
standby state
550
µA
VCC = +5.5V, 50k DCP, I
2C interface in
standby state
160
µA
VCC = +3.6V, 50k DCP, I
2C interface in
standby state
100
µA
ISD
VCC Current (shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1,
SHDN, SDA, and SCL
Voltage at pin from GND to VCC
-1
1
µA
tDCP
(Note 14)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 14)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall occurs
2.0
2.6
V
VCC Ramp VCC Ramp Rate
0.2
V/ms
tD
Power-up Delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
3ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature
°C
50
Years
tWC
(Note 15)
Non-volatile Write Cycle Time
12
20
ms
SERIAL INTERFACE SPECS
VIL
A1, A0, SHDN, SDA, and SCL Input
Buffer LOW Voltage
-0.3
0.3*VCC
V
VIH
A1, A0, SHDN, SDA, and SCL Input
Buffer HIGH Voltage
0.7*VCC
VCC+0.3
V
T55
ISL22319


유사한 부품 번호 - ISL22319WFU8Z

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL22319WFU8Z RENESAS-ISL22319WFU8Z Datasheet
873Kb / 13P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps, Wiper Only
September 9, 2009
More results

유사한 설명 - ISL22319WFU8Z

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com