전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54302 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL54302
상세설명  12V, 1.5OHM Quad SPST Switch with Latched Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54302 데이터시트(HTML) 6 Page - Intersil Corporation

Back Button ISL54302 Datasheet HTML 2Page - Intersil Corporation ISL54302 Datasheet HTML 3Page - Intersil Corporation ISL54302 Datasheet HTML 4Page - Intersil Corporation ISL54302 Datasheet HTML 5Page - Intersil Corporation ISL54302 Datasheet HTML 6Page - Intersil Corporation ISL54302 Datasheet HTML 7Page - Intersil Corporation ISL54302 Datasheet HTML 8Page - Intersil Corporation ISL54302 Datasheet HTML 9Page - Intersil Corporation ISL54302 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
March 19, 2008
Test Circuits and Waveforms
Switch changes state on rising edge of CS-LATCH. VNA = VOUT at
all times.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Switch changes state on rising edge of CS-LATCH.
FIGURE 2A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
Repeat test for all switches.
FIGURE 3. OFF ISOLATION TEST CIRCUIT
Repeat test for all switches.
FIGURE 4. rON TEST CIRCUIT
50%
tr < 20ns
tf < 20ns
75%
3V
VNB
0V
CS-LATCH
INPUT
SWITCH
OUTPUT
VOUT
25%
tON
tOFF
VOUT
VNB
V
OUT
V
(NB)
R
L
R
L
r
ON
()
+
----------------------------
=
SWITCH
INPUTS
SX-CRTL
INPUT
VOUT
RL
CL
1-4A
1-4B
IN
300
Ω
35pF
GND
VSS
C
VNB
C
LATCH
VPLUS
C
VDD
C
VLOGIC
C
VOUT
ΔVOUT
ON
OFF
ON
Q =
ΔVOUT x CL
SWITCH
OUTPUT
CONTROLLER
SEQUENCE
3V
0V
SW: ON/OFF/ON
CL
VOUT
RG
VG
GND
1-4A
1-4B
VPLUS
C
IN
C
VSS
LATCH
VDD
C
VLOGIC
C
ANALYZER
RL
SIGNAL
GENERATOR
1-4A
1-4B
GND
C
VSS
CS-LATCH/SX-CRTL
VPLUS
C
VDD
C
VLOGIC
C
CS-LATCH/SX-CRTL
1-4A
1-4B
GND
VXA
V1
rON = V1/10mA
10mA
C
VSS
VPLUS
C
VDD
C
VLOGIC
C
ISL54302


유사한 부품 번호 - ISL54302

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54302 INTERSIL-ISL54302 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54302 RENESAS-ISL54302 Datasheet
810Kb / 16P
   12V, 1.5W Quad SPST Switch with Latched Parallel Interface
ISL54302IRZ RENESAS-ISL54302IRZ Datasheet
810Kb / 16P
   12V, 1.5W Quad SPST Switch with Latched Parallel Interface
More results

유사한 설명 - ISL54302

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54302 RENESAS-ISL54302 Datasheet
810Kb / 16P
   12V, 1.5W Quad SPST Switch with Latched Parallel Interface
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Vishay Siliconix
DG221B VISHAY-DG221B Datasheet
58Kb / 6P
   Quad SPST CMOS Analog Switch with Latches
Rev. A, 23-Apr-01
DG221B VISHAY-DG221B_V01 Datasheet
171Kb / 10P
   Quad SPST CMOS Analog Switch with Latches
08-Feb-17
logo
Analog Devices
SW06 AD-SW06 Datasheet
271Kb / 12P
   Quad SPST JFET Analog Switch
REV. A
SW201 AD-SW201 Datasheet
413Kb / 6P
   QUAD SPST JFET ANALOG SWITCH
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com