전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54052IRUZ-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL54052IRUZ-T
상세설명  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54052IRUZ-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL54052IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54052IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Ultra Low ON-Resistance, Low Voltage, Single
Supply, Single SPST Analog Switches
ISL54051, ISL54052
The Intersil ISL54051 and ISL54052 devices are low
ON-resistance, low voltage, bidirectional, single
pole/single throw (SPST) analog switches designed to
operate from a single +1.8V to +5.5V supply. Targeted
applications include battery powered equipment, which
benefit from low rON resistance (0.8Ω), excellent rON
flatness, and fast switching speeds (tON = 24ns,
tOFF = 10ns). The digital logic input is 1.8V logic
compatible when using a single +3.0V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins
may be limited and digital geometries are not well suited
to analog switch performance. This family of parts may
be used to switch in additional functionality while
reducing ASIC design risk. The ISL54051 and the
ISL54052 are offered in a 6 Ld 1.2mmx1.0mmx0.5mm
µTDFN package and a 6 Ld SOT-23 package, alleviating
board space limitations.
The ISL54051 has one normally open (NO) switch and
ISL54052 has one normally closed (NC) switch.
Features
• ON-resistance (rON)
-VCC = +5.0V. . . . . . . . . . . . . . . . . . . . . 0.8Ω
-VCC = +3.0V. . . . . . . . . . . . . . . . . . . . . 1.1Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . 2.3Ω
•rON flatness (+4.5V supply) . . . . . . . . . . . . 0.25Ω
• Single supply operation . . . . . . . . +1.8V to +5.5V
• Fast switching action (+4.5V supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . 24ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . >6kV
• 1.8V, CMOS logic compatible (+3V supply)
• Available in 6 Ld µTDFN and 6Ld SOT-23 Packages
• Pb-free (RoHS compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable test and measurement
• Medical equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54051
ISL54052
Number of Switches
11
SW
NO
NC
1.8V rON
2.3Ω
2.3Ω
1.8V tON/tOFF
68ns/45ns
68ns/45ns
3V rON
1.1Ω
1.1Ω
3V tON/tOFF
29ns/12ns
29ns/12ns
5V rON
0.8Ω
0.8Ω
5V tON/tOFF
24ns/10ns
24ns/10ns
Packages
6 Ld µTDFN, 6Ld SOT-23
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2007, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
October 19, 2009
FN6459.3


유사한 부품 번호 - ISL54052IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54052IRUZ-T INTERSIL-ISL54052IRUZ-T Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54052IRUZ-T INTERSIL-ISL54052IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54052IRUZ-T RENESAS-ISL54052IRUZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results

유사한 설명 - ISL54052IRUZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com