전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL12023 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL12023
상세설명  Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12023 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL12023 Datasheet HTML 1Page - Intersil Corporation ISL12023 Datasheet HTML 2Page - Intersil Corporation ISL12023 Datasheet HTML 3Page - Intersil Corporation ISL12023 Datasheet HTML 4Page - Intersil Corporation ISL12023 Datasheet HTML 5Page - Intersil Corporation ISL12023 Datasheet HTML 6Page - Intersil Corporation ISL12023 Datasheet HTML 7Page - Intersil Corporation ISL12023 Datasheet HTML 8Page - Intersil Corporation ISL12023 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
FN6682.2
June 24, 2009
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT and IRQ/FOUT pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on SCL and SDA pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on X1 and X2 pins
(respect to ground) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 2.5V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3014) . . . . .>3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>300V
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
14 Ld TSSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics-RTC Test Conditions: VDD = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 9)
TYP
(Note 5)
MAX
(Note 9)
UNITS
NOTES
VDD
Main Power Supply
(Note 11)
2.7
5.5
V
VBAT
Battery Supply Voltage
(Note 11)
1.8
5.5
V
2
IDD1
Supply Current. (I2C not Active,
Temperature Conversion not Active,
FOUT not Active)
VDD = 5V
4.1
7
µA
3, 4
VDD = 3V
3.5
6
µA
3, 4
IDD2
Supply Current. (I2C Active, Temperature
Conversion not Active, FOUT not Active)
VDD = 5V
200
500
µA
3, 4
IDD3
Supply Current. (I2C not Active,
Temperature Conversion Active, FOUT
not Active)
VDD = 5V
120
400
µA
3, 4
IBAT
Battery Supply Current
VDD = 0V, VBAT = 3V,
TA = +25°C
1.0
1.6
µA
3
VBAT = 3V
1.0
5.0
µA
3
IBATLKG
Battery Input Leakage
VDD = 5.5V, VBAT = 1.8V
100
nA
ILI
Input Leakage Current on SCL
-1.0
±0.1
1.0
µA
ILO
I/O Leakage Current on SDA
-1.0
±0.1
1.0
µA
VBATM
Battery Level Monitor Threshold
-100
+100
mV
VPBM
Brownout Level Monitor Threshold
-100
+100
mV
VTRIP
VBAT Mode Threshold
(Note 11)
2.0
2.2
2.4
V
VTRIPHYS
VTRIP Hysteresis
30
mV
7
VBATHYS
VBAT Hysteresis
50
mV
7
ΔFoutT
Frequency Stability vs Temperature
2.7V
≤ VDD ≤ 3.6V,
-5
+5
ppm
10
ΔFoutV
Frequency Stability vs Voltage
2.7V
≤ VDD ≤ 3.6V
-3
+3
ppm
10
ΔAT
LSB
AT Sensitivity per LSB
BETA (3:0) = 1000
0.5
1
2
ppm
10
Temp
Temperature Sensor Accuracy
VDD = VBAT = 3.3 V
±2
°C
7
IRQ, LVRST, FOUT
VOL
Output Low Voltage
VDD = 5V, IOL = 3mA
0.4
V
VDD = 2.7V, IOL = 1mA
0.4
V
ISL12023


유사한 부품 번호 - ISL12023

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12023 INTERSIL-ISL12023 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12023IVZ RENESAS-ISL12023IVZ Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results

유사한 설명 - ISL12023

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL12023 RENESAS-ISL12023 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com