전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL4245EIRZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL4245EIRZ
상세설명  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4245EIRZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL4245EIRZ Datasheet HTML 1Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 2Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 3Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 4Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 5Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 6Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 7Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 8Page - Intersil Corporation ISL4245EIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN8038.3
ISL4238E, ISL4244E, ISL4245E
QFN Packaged,
±15kV ESD Protected,
+2.7V to +5.5V, 10Nanoamp, 250kbps/
1Mbps, RS-232 Transceivers with
Enhanced Automatic Powerdown
The Intersil ISL4238E/44E/45E devices are 2.7V to 5.5V
powered RS-232 transmitters/receivers which meet
ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD protection
(IEC6100-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and notebook
and laptop computers where the low operational, and even
lower standby, power consumption is critical. Efficient on-
chip charge pumps, coupled with manual and enhanced
automatic powerdown functions, reduce the standby supply
current to a 10nA trickle. Tiny 5mm x 5mm Quad Flat No-
Lead (QFN) packaging and the use of small, low value
capacitors ensure board space savings as well. Data rates
greater than 250kbps (ISL4238E/44E)/1Mbps (ISL4245E)
are guaranteed at worst case load conditions.
The ISL424XE are 3 driver, 5 receiver (DTE) devices that,
coupled with the QFN package, provide the industry’s
smallest, lowest power complete serial port suitable for
PDAs, and laptop or notebook computers. The 5x5 QFN
requires 60% less board area than a 28 lead TSSOP, and is
nearly 20% thinner. The devices also include a noninverting
always-active receiver for “wake-up” capability.
The ISL4238E is a 5 driver, 3 receiver device optimized for
DCE applications with full hardware handshaking. It also
includes a noninverting always-active receiver for RING
INDICATOR monitoring. Transmitter and logic inputs include
active feedback resistors that retain the input state once
driven to a valid logic level.
These devices feature an enhanced automatic
powerdown function which powers down the on-chip power-
supply and driver circuits. This occurs when all receiver and
transmitter inputs detect no signal transitions for a period of
30sec. These devices power back up, automatically,
whenever they sense a transition on any transmitter or
receiver input.
Table 1 summarizes the features of the ISL4238E/4XE, while
Application Note AN9863 summarizes the features of each
device comprising the 3V RS-232 family.
Features
• Parameters Fully Specified for 10% Tolerance Supplies
and Full Industrial Temp Range
• Available in Small QFN (5mm x 5mm) Package which is
60% Smaller than a 28 Lead TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC6100)
• DTE (ISL4244E/45E) and DCE (ISL4238E) Versions
• Lowest Supply Current in Powerdown . . . . . . . . . . . .10nA
• Active Feedback Resistors on TX and Logic Inputs
(ISL4238E)
• Flow Through Pinouts
• Manual and Enhanced Automatic Powerdown Features
• Guaranteed Minimum Data Rate
250kbps (ISL4238E/44E) / 1Mbps (ISL4245E)
• Latch-Up Free
• On-Chip Charge Pumps Require Only Four External
0.1
µF Capacitors
• Wide Power Supply Range. . . . . . . Single +2.7V to +5.5V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
Pb-free Available as an Option
Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras, GPS
Receivers
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices”
• Technical Brief TB379 “Thermal Characterization of
Packages for ICs”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Data Sheet
April 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL4245EIRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL4245EIRZ INTERSIL-ISL4245EIRZ Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4245EIRZ RENESAS-ISL4245EIRZ Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4245EIRZ-T INTERSIL-ISL4245EIRZ-T Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4245EIRZ-T RENESAS-ISL4245EIRZ-T Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results

유사한 설명 - ISL4245EIRZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4270E INTERSIL-ISL4270E Datasheet
422Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
logo
Renesas Technology Corp
ISL4270E RENESAS-ISL4270E Datasheet
704Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 300nA, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown and a Separate Logic Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com