전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L712IR 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL43L712IR
상세설명  Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L712IR 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL43L712IR Datasheet HTML 1Page - Intersil Corporation ISL43L712IR Datasheet HTML 2Page - Intersil Corporation ISL43L712IR Datasheet HTML 3Page - Intersil Corporation ISL43L712IR Datasheet HTML 4Page - Intersil Corporation ISL43L712IR Datasheet HTML 5Page - Intersil Corporation ISL43L712IR Datasheet HTML 6Page - Intersil Corporation ISL43L712IR Datasheet HTML 7Page - Intersil Corporation ISL43L712IR Datasheet HTML 8Page - Intersil Corporation ISL43L712IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6092.1
November 4, 2004
Pinouts (Note 1)
ISL43L710 (MSOP, TDFN)
TOP VIEW
ISL43L711 (MSOP, TDFN)
TOP VIEW
ISL43L712 (MSOP, TDFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
NO1
COM1
N.C.
GND
V+
COM2
NO2
IN
6
7
8
5
1
2
3
4
NC1
COM1
N.C.
GND
V+
COM2
NC2
IN
6
7
8
5
1
2
3
4
NO1
COM1
INH
GND
V+
COM2
NC2
IN
6
7
8
5
1
2
3
4
Ordering Information
(Note 2)
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43L710IU
(L710)
-40 to 85
8 Ld MSOP
M8.118
ISL43L710IR
(L70)
-40 to 85
8 Ld 3x3 thin DFN L8.3x3A
ISL43L711IU
(L711)
-40 to 85
8 Ld MSOP
M8.118
ISL43L711IR
(L71)
-40 to 85
8 Ld 3x3 thin DFN L8.3x3A
ISL43L712IU
(L712)
-40 to 85
8 Ld MSOP
M8.118
ISL43L712IR
(L72)
-40 to 85
8 Ld 3x3 thin DFN L8.3x3A
ISL43L710IUZ
(L710) (Note 3)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L710IRZ
(L70)
(Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
ISL43L711IUZ
(L711)
(Note 3)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L711IRZ
(L71)
(Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
ISL43L712IUZ *
(L712)
(Note 3)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL43L712IRZ *
(L72)
(Note 3)
-40 to 85
8 Ld 3x3 thin DFN
(Pb-free)
L8.3x3A
NOTES:
2. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
3. Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020C.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.65V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
INH
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
N.C.
No Connect
Ordering Information (Continued)
(Note 2)
PART NO.
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL43L710, ISL43L711, ISL43L712


유사한 부품 번호 - ISL43L712IR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L712IR INTERSIL-ISL43L712IR Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L712IR RENESAS-ISL43L712IR Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L712IRZ INTERSIL-ISL43L712IRZ Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L712IRZ RENESAS-ISL43L712IRZ Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results

유사한 설명 - ISL43L712IR

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com