전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL2100A 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 ISL2100A
상세설명  100V, 2A Peak, High Frequency Half-Bridge Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2100A 데이터시트(HTML) 5 Page - Intersil Corporation

  ISL2100A Datasheet HTML 1Page - Intersil Corporation ISL2100A Datasheet HTML 2Page - Intersil Corporation ISL2100A Datasheet HTML 3Page - Intersil Corporation ISL2100A Datasheet HTML 4Page - Intersil Corporation ISL2100A Datasheet HTML 5Page - Intersil Corporation ISL2100A Datasheet HTML 6Page - Intersil Corporation ISL2100A Datasheet HTML 7Page - Intersil Corporation ISL2100A Datasheet HTML 8Page - Intersil Corporation ISL2100A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6294.3
May 6, 2010
HB Threshold Hysteresis
VHBH
-0.6
-
-
-
V
BOOTSTRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.5
0.6
-
0.7
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.8
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHL
ILO = -100mA,
VOHL = VDD - VLO
-
0.25
0.3
-
0.4
V
Peak Pull-Up Current
IOHL
VLO = 0V
-
2
-
-
-
A
Peak Pull-Down Current
IOLL
VLO = 12V
-
2
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.25
0.3
-
0.4
V
High Level Output Voltage
VOHH
IHO = -100mA,
VOHH = VHB - VHO
-
0.25
0.3
-
0.4
V
Peak Pull-Up Current
IOHH
VHO = 0V
-
2
-
-
-
A
Peak Pull-Down Current
IOLH
VHO = 12V
-
2
-
-
-
A
Electrical Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise Specified. Parameters with MIN
and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to
+125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Electrical Specifications
Switching Specifications
VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, Unless Otherwise
Specified. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested.
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C
to +125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-
34
50
-
60
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-
31
50
-
60
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-
39
50
-
60
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-
39
50
-
60
ns
Delay Matching: Upper Turn-Off to Lower Turn-On
tMON
1
8
-
-
16
ns
Delay Matching: Lower Turn-Off to Upper Turn-On
tMOFF
1
6
-
-
16
ns
Either Output Rise/Fall Time (10% to 90%/90% to 10%)
tRC,tFC
CL = 1nF
-
10
-
-
-
ns
Either Output Rise/Fall Time (3V to 9V/9V to 3V)
tR,tF
CL = 0.1µF
-
0.5
0.6
-
0.8
us
Minimum Input Pulse Width that Changes the Output
tPW
--
--
50
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10
-
-
-
ns
ISL2100A, ISL2101A


유사한 부품 번호 - ISL2100A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AABZ INTERSIL-ISL2100AABZ Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AABZ INTERSIL-ISL2100AABZ Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL2100AABZ RENESAS-ISL2100AABZ Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
More results

유사한 설명 - ISL2100A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
HIP2122 RENESAS-HIP2122 Datasheet
717Kb / 16P
   100V, 2A Peak, High Frequency Half-Bridge Drivers with Rising Edge Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com