전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL23512WFRU10Z-TK 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 ISL23512WFRU10Z-TK
상세설명  Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23512WFRU10Z-TK 데이터시트(HTML) 6 Page - Intersil Corporation

  ISL23512WFRU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL23512WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6590.0
November 27, 2007
Typical Performance Curves
FIGURE 1. WIPER RESISTANCE vs TAP POSITION
[ I(RW) = VCC/RTOTAL ] FOR 10kΩ (W)
FIGURE 2. STANDBY ICC vs TEMPERATURE
FIGURE 3. DNL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 4. INL vs TAP POSITION IN VOLTAGE DIVIDER
MODE FOR 10k
Ω (W)
FIGURE 5. ZS ERROR vs TEMPERATURE
FIGURE 6. FS ERROR vs TEMPERATURE
0
20
40
60
80
100
120
140
160
TAP POSITION (DECIMAL
0
3
6
9
12
15
+125ºC
+25ºC
-40ºC
VCC = 5.5V
0
20
40
60
80
100
120
140
160
TAP POSITION (DECIMAL
0
3
6
9
12
15
+125ºC
+25ºC
-40ºC
VCC = 5.5V
0
0.5
1.0
1.5
2.0
2.5
3.0
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
VCC = 5V
VCC = 2.7V
-0.05
-0.03
-0.01
0.01
0.03
0.05
TAP POSITION (DECIMAL
0
3
6
9
12
15
VCC = 5.5V
VCC = 2.7V
-0.10
-0.05
0.00
0.05
0.10
06
12
15
TAP POSITION (DECIMAL)
39
VCC = 5.5V
VCC = 2.7V
0
0.0005
0.0010
0.0015
0.0020
0.0025
0.0030
-40
-15
10
35
60
85
110
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
-1
-0.8
-0.6
-0.4
-0.2
0
-40
-15
10
35
60
85
110
TEMPERATURE (ºC)
VCC = 5.5V
VCC = 2.7V
ISL23512


유사한 부품 번호 - ISL23512WFRU10Z-TK

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL23512WFRU10Z-TK RENESAS-ISL23512WFRU10Z-TK Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results

유사한 설명 - ISL23512WFRU10Z-TK

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
X9317WM8Z INTERSIL-X9317WM8Z Datasheet
430Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
November 4, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com