전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54409 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL54409
상세설명  Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54409 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL54409_10 Datasheet HTML 5Page - Intersil Corporation ISL54409_10 Datasheet HTML 6Page - Intersil Corporation ISL54409_10 Datasheet HTML 7Page - Intersil Corporation ISL54409_10 Datasheet HTML 8Page - Intersil Corporation ISL54409_10 Datasheet HTML 9Page - Intersil Corporation ISL54409_10 Datasheet HTML 10Page - Intersil Corporation ISL54409_10 Datasheet HTML 11Page - Intersil Corporation ISL54409_10 Datasheet HTML 12Page - Intersil Corporation ISL54409_10 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6983.1
January 14, 2010
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified
FIGURE 6. ON-RESISTANCE vs SWITCH VOLTAGE vs
SUPPLY VOLTAGE
FIGURE 7. ON-RESISTANCE vs SWITCH VOLTAGE vs
TEMPERATURE
FIGURE 8. THD+N vs SUPPLY VOLTAGE vs
FREQUENCY
FIGURE 9. THD+N vs SIGNAL LEVELS vs FREQUENCY
FIGURE 10. THD+N vs OUTPUT VOLTAGE
FIGURE 11. THD+N vs OUTPUT POWER
2.56
2.57
2.58
2.59
2.60
2.61
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8 1.0
VOUT (V)
VDD = 3.6V
IOUT = 40mA
VDD = 3.3V
VDD = 3.0V
VDD = 2.7V
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
-1.2 -1.0-0.8-0.6-0.4-0.2 0
0.2 0.4 0.6 0.8 1.0 1.2
VOUT (V)
IOUT = 40mA
+85°C
+25°C
-40°C
VDD = 3.0V
FREQUENCY (Hz)
20
200
2k
20k
0.056
0.060
0.062
0.064
0.058
RLOAD = 32Ω
VLOAD = 0.707VRMS
VDD = 3.0V
VDD = 3.3V
VDD = 3.6V
0.066
0.068
2k
FREQUENCY (Hz)
20
200
2k
20k
0.02
0.04
0.06
0.08
1.0VRMS
0.35VRMS
RLOAD = 32Ω
VDD = 3V
RMS VOLTAGES AT LOAD
0.10
0.9VRMS
0.707VRMS
0
OUTPUT VOLTAGE (VRMS)
0.23 0.35 0.47 0.58 0.70 0.82
0.003
0.01
0.02
0.10
0.12
0.93
RLOAD = 32Ω
FREQ = 1kHz
VDD = 3V
1.05 1.16
0.04
0.06
0.20
0.08
OUTPUT POWER (mW)
0.008
12
3
5 6
30
0.02
0.03
0.04
0.08
4
RLOAD = 32Ω
FREQ = 1kHz
VDD = 3V
78 910
20
0.06
0.10
0.01
ISL54409, ISL54410


유사한 부품 번호 - ISL54409_10

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409EVAL1Z INTERSIL-ISL54409EVAL1Z Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
logo
Renesas Technology Corp
ISL54409EVAL1Z RENESAS-ISL54409EVAL1Z Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
More results

유사한 설명 - ISL54409_10

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54409 RENESAS-ISL54409 Datasheet
680Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
logo
Intersil Corporation
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409IRTZ-T INTERSIL-ISL54409IRTZ-T Datasheet
376Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
January 14, 2010
ISL54409 INTERSIL-ISL54409 Datasheet
387Kb / 13P
   Audio/USB 2.0 Wired-OR Switch with Click and Pop Reduction
ISL54210IRTZ INTERSIL-ISL54210IRTZ Datasheet
1Mb / 21P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
March 18, 2010
ISL54211IRUZ-T INTERSIL-ISL54211IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
August 25, 2008
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
   Stereo Click and Pop Eliminator with Audio Muting
ISL54211 INTERSIL-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Renesas Technology Corp
ISL54211 RENESAS-ISL54211 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling/Click and Pop Suppression
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
   Audio Click-Pop Suppressor
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com