전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54CV 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BAT54CV
상세설명  Two Schottky barrier double diodes in ultra small SOT666 package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT54CV 데이터시트(HTML) 9 Page - NXP Semiconductors

  BAT54CV Datasheet HTML 1Page - NXP Semiconductors BAT54CV Datasheet HTML 2Page - NXP Semiconductors BAT54CV Datasheet HTML 3Page - NXP Semiconductors BAT54CV Datasheet HTML 4Page - NXP Semiconductors BAT54CV Datasheet HTML 5Page - NXP Semiconductors BAT54CV Datasheet HTML 6Page - NXP Semiconductors BAT54CV Datasheet HTML 7Page - NXP Semiconductors BAT54CV Datasheet HTML 8Page - NXP Semiconductors BAT54CV Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes in ultra small SOT666 package
© NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 15 January 2010
Document identifier: BAT54CV_2
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Packing information . . . . . . . . . . . . . . . . . . . . . 6
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
12
Contact information. . . . . . . . . . . . . . . . . . . . . . 8
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


유사한 부품 번호 - BAT54CV

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
BAT54CV RECTRON-BAT54CV Datasheet
633Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT54CV PHILIPS-BAT54CV_15 Datasheet
271Kb / 10P
   Two Schottky barrier double diodes
Rev. 3-15 November 2010
More results

유사한 설명 - BAT54CV

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BAT54VV NEXPERIA-BAT54VV Datasheet
181Kb / 8P
   Schottky barrier triple diode in ultra small SOT666 package
27 December 2022
logo
NXP Semiconductors
BAT54VV PHILIPS-BAT54VV Datasheet
49Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 01-14 September 2004
BAT54VV PHILIPS-BAT54VV_15 Datasheet
115Kb / 9P
   Schottky barrier triple diode in ultra small SOT666 package
Rev. 02-15 January 2010
BAT54CV PHILIPS-BAT54CV_15 Datasheet
271Kb / 10P
   Two Schottky barrier double diodes
Rev. 3-15 November 2010
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
PMEG3015EV PHILIPS-PMEG3015EV Datasheet
58Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 01-4 April 2005
PMEG3015EV PHILIPS-PMEG3015EV_15 Datasheet
112Kb / 10P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifier in SOT666 package
Rev. 02-4 February 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PMEG3002TV PHILIPS-PMEG3002TV Datasheet
57Kb / 10P
   0.2 A very low VF MEGA Schottky barrier dual rectifier in SOT666 package
Rev. 01-21 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com