전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA416Y-600B 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BTA416Y-600B
상세설명  16 A three-quadrant triacs insulated, high commutation, high temperature
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA416Y-600B 데이터시트(HTML) 2 Page - NXP Semiconductors

  BTA416Y-600B Datasheet HTML 1Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 2Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 3Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 4Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 5Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 6Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 7Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 8Page - NXP Semiconductors BTA416Y-600B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA416Y_SER_B_C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 March 2008
2 of 12
NXP Semiconductors
BTA416Y series B and C
16 A 3-quadrant triacs insulated, high commutation, high temperature
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 1.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
main terminal 1 (T1)
SOT78D (TO-220)
2
main terminal 2 (T2)
3
gate (G)
mb
mounting base; isolated
12
mb
3
sym051
T1
G
T2
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BTA416Y-600B
TO-220
plastic single-ended package; isolated heatsink mounted; 1 mounting hole;
3-lead TO-220
SOT78D
BTA416Y-600C
BTA416Y-800B
BTA416Y-800C
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA416Y-600B; BTA416Y-600C
[1] -
600
V
BTA416Y-800B; BTA416Y-800C
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 108 °C; see
Figure 4 and 5
-16
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
160
A
t = 16.7 ms
-
176
A
I2tI2t for fusing
tp = 10 ms
-
128
A2s
dIT/dt
rate of rise of on-state current
ITM = 20 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
4
A
PGM
peak gate power
-
5
W


유사한 부품 번호 - BTA416Y-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA416Y-600B NXP-BTA416Y-600B Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
logo
SiPower Inc.
BTA416Y-600B SIPOWER-BTA416Y-600B Datasheet
1,003Kb / 6P
   16A Triacs
logo
WeEn Semiconductors
BTA416Y-600B WEEN-BTA416Y-600B Datasheet
237Kb / 13P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA416Y-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA416Y NXP-BTA416Y Datasheet
82Kb / 12P
   16 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600BT NXP-BTA316-600BT Datasheet
91Kb / 12P
   16 A Three-quadrant triacs high commutation high temperature
Rev. 01-3 May 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
BTA316B-600B NXP-BTA316B-600B Datasheet
93Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01-19 April 2007
BTA316 NXP-BTA316 Datasheet
85Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA316X NXP-BTA316X Datasheet
98Kb / 13P
   16 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com