전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA204S-600B 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 BTA204S-600B
상세설명  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA204S-600B 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button BTA204S-600B Datasheet HTML 3Page - NXP Semiconductors BTA204S-600B Datasheet HTML 4Page - NXP Semiconductors BTA204S-600B Datasheet HTML 5Page - NXP Semiconductors BTA204S-600B Datasheet HTML 6Page - NXP Semiconductors BTA204S-600B Datasheet HTML 7Page - NXP Semiconductors BTA204S-600B Datasheet HTML 8Page - NXP Semiconductors BTA204S-600B Datasheet HTML 9Page - NXP Semiconductors BTA204S-600B Datasheet HTML 10Page - NXP Semiconductors BTA204S-600B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
9397 750 14862
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 May 2005
7 of 13
Philips Semiconductors
BTA204S series B and C
Three-quadrant triacs high communication
VO = 1.27 V; RS = 0.091 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 25 °C; maximum values
(3) Tj = 125 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage; typical values
Fig 10. Normalized latching current as a function of
junction temperature
Fig 11. Normalized holding current as a function of junction temperature
VT (V)
03
2
1
001aac338
4
8
12
IT
(A)
0
(2)
(3)
(1)
Tj (°C)
−50
150
100
50
0
001aac336
1
2
3
IL(Tj)
0
IL(25°C)
Tj (°C)
−50
150
100
50
0
001aac337
1
2
3
IH(Tj)
0
IH(25°C)


유사한 부품 번호 - BTA204S-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA204S-600B PHILIPS-BTA204S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
ecember 1998 Rev 1.000
logo
WeEn Semiconductors
BTA204S-600B WEEN-BTA204S-600B Datasheet
282Kb / 14P
   3Q Hi-Com Triac
More results

유사한 설명 - BTA204S-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com