전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA208S-600B 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 BTA208S-600B
상세설명  Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208S-600B 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button BTA208S-600B Datasheet HTML 5Page - NXP Semiconductors BTA208S-600B Datasheet HTML 6Page - NXP Semiconductors BTA208S-600B Datasheet HTML 7Page - NXP Semiconductors BTA208S-600B Datasheet HTML 8Page - NXP Semiconductors BTA208S-600B Datasheet HTML 9Page - NXP Semiconductors BTA208S-600B Datasheet HTML 10Page - NXP Semiconductors BTA208S-600B Datasheet HTML 11Page - NXP Semiconductors BTA208S-600B Datasheet HTML 12Page - NXP Semiconductors BTA208S-600B Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9397 750 14861
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 31 May 2005
9 of 13
Philips Semiconductors
BTA208S-600B; BTA208S-800B
Three-quadrant triacs high commutation
9.
Package outline
Fig 13. Package outline SOT428 (TO-252)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT428
SC-63
TO-252
SOT428
05-02-09
05-02-11
DIMENSIONS (mm are the original dimensions)
Plastic single-ended surface mounted package (DPAK); 3 leads (one lead cropped)
A
2
13
E1
D2
D1
HD
L
L1
L2
e1
e
mounting
base
wA
M
b
E
b2
b1
c
A1
y
0
5
10 mm
scale
UNIT
mm
0.93
0.73
5.46
5.00
0.56
0.20
6.22
5.98
6.73
6.47
10.4
9.6
2.95
2.55
A1
2.38
2.22
Ab2
1.1
0.9
b1
e1
0.89
0.71
bc
D1
0.9
0.5
L2
Ee
2.285
4.57
4.0
D2
min
4.45
E1
min
0.5
L1
min
HD
Lw
0.2
y
max
0.2
A


유사한 부품 번호 - BTA208S-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
49Kb / 4P
   Three quadrant triacs high commutation
October 1999 Rev 1.200
BTA208S-600B NXP-BTA208S-600B Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
BTA208S-600B PHILIPS-BTA208S-600B Datasheet
53Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA208S-600B WEEN-BTA208S-600B Datasheet
314Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208S-600B NXP-BTA208S-600B_11 Datasheet
163Kb / 13P
   3Q Hi-Com Triac Triggering in three quadrants only
Rev. 3-13 April 2011
More results

유사한 설명 - BTA208S-600B

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com