전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA-2212 데이터시트(PDF) 1 Page - Tensility International Corp.

부품명 CA-2212
상세설명  Extension cable, 5.5 x 2.5 mm dc jack to right angle P6 plug, 6 feet, 18 AWG, zip cord
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TENSILITY [Tensility International Corp.]
홈페이지  http://www.tensility.com
Logo TENSILITY - Tensility International Corp.

CA-2212 데이터시트(HTML) 1 Page - Tensility International Corp.

  CA-2212 Datasheet HTML 1Page - Tensility International Corp. CA-2212 Datasheet HTML 2Page - Tensility International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
part number:
description:
date:
unit:
page:
rev:
01/19/09
mm
A
CA-2212
Extension cable, 5.5 x 2.5 mm dc jack to
right angle P6 plug, 6 feet, 18 AWG, zip cord
tolerance
X: ±0.5 mm .X: ±0.25 mm .XX: ±0.05 mm
ph 661.702.0035 fx 661.702.0038
29033 Avenue Sherman Ste 203 Valencia, CA 91355
www.tensility.com
Specifications:
plug description (1)
2.5 x 5.5 x 22 ±0.5, nickel-plated, with black insulator
plug overmold (2,5)
30P, black PVC (including strain relief)
receptacle description (6)
2.5 x 5.5, nickel-plated
cable description (3)
0.16 x 41, 2 conductor, black twin wire
cable outer diameter
4.4 ± 0.1 (each conductor 2.2)
cable material
UL 2468
cable color
black
cable gauge
AWG #18
cable length
1830
twist tie (4)
black
max voltage
36 Vdc
max current
3 A
Notes:
RoHS compliant
Mechanical drawing:
1 of 2


유사한 부품 번호 - CA-2212

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2210 TENSILITY-CA-2210 Datasheet
116Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 6 feet, 18 AWG, zip cord
CA-2211 TENSILITY-CA-2211 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
CA-2213 TENSILITY-CA-2213 Datasheet
115Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5 plug, 6 feet, 18 AWG zip cord
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
CA-2215 TENSILITY-CA-2215 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to P6 plug, 3 feet, 18 AWG, zip cord
More results

유사한 설명 - CA-2212

제조업체부품명데이터시트상세설명
logo
Tensility International...
CA-2209 TENSILITY-CA-2209 Datasheet
117Kb / 2P
   Extension cable, 5.5 x 2.5 mm DC jack to P6 plug, 6 feet, 18 AWG zip cord
CA-2218 TENSILITY-CA-2218 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to right angle P6, 3 feet, 18 AWG, zip cord
CA-2215 TENSILITY-CA-2215 Datasheet
113Kb / 2P
   Extension cable, 5.5 x 2.5 mm dc jack to P6 plug, 3 feet, 18 AWG, zip cord
CA-2213 TENSILITY-CA-2213 Datasheet
115Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5 plug, 6 feet, 18 AWG zip cord
CA-2210 TENSILITY-CA-2210 Datasheet
116Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 6 feet, 18 AWG, zip cord
CA-2219 TENSILITY-CA-2219 Datasheet
112Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to right angle P5, 3 feet, 18 AWG, zip cord
CA-2216 TENSILITY-CA-2216 Datasheet
112Kb / 2P
   Extension cable, 5.5 x 2.1 mm dc jack to P5 plug, 3 feet, 18 AWG, zip cord
CA-2214 TENSILITY-CA-2214 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord
CA-2186 TENSILITY-CA-2186 Datasheet
98Kb / 2P
   Cable, P6 to stripped/tinned ends, 6 feet, 18 AWG zip cord
CA-2211 TENSILITY-CA-2211 Datasheet
119Kb / 2P
   Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com