전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL28110 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL28110
상세설명  Precision Low Noise JFET Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL28110 Datasheet HTML 1Page - Intersil Corporation ISL28110 Datasheet HTML 2Page - Intersil Corporation ISL28110 Datasheet HTML 3Page - Intersil Corporation ISL28110 Datasheet HTML 4Page - Intersil Corporation ISL28110 Datasheet HTML 5Page - Intersil Corporation ISL28110 Datasheet HTML 6Page - Intersil Corporation ISL28110 Datasheet HTML 7Page - Intersil Corporation ISL28110 Datasheet HTML 8Page - Intersil Corporation ISL28110 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Precision Low Noise JFET Operational Amplifiers
ISL28110, ISL28210
The ISL28110, ISL28210, are single and dual JFET
amplifiers featuring low noise, high slew rate, low input
bias current and offset voltage, making them the ideal
choice for high impedance applications where precision
and low noise are important. The combination of
precision, low noise, and high speed combined with a
small footprint provides the user with outstanding value
and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision medical
and analytical instrumentation, sensor conditioning,
precision power supply controls, industrial controls and
photodiode amplifiers.
The ISL28110 single amplifier is available in the 8 Ld
SOIC, TDFN, and MSOP packages. The ISL28210 dual
amplifier is available in the 8 Ld SOIC and TDFN
packages. All devices are offered in standard pin
configurations and operate over the extended
temperature range from -40°C to +125°C.
Features
• Wide Supply Range. . . . . . . . . . . . . . . . . 9V to 40V
• Low Voltage Noise . . . . . . . . . . . . . . . . . . 6nV/√Hz
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . 2pA
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . .23V/µs
• High Bandwidth . . . . . . . . . . . . . . . . . . . .12.5MHz
• Low Input Offset . . . . . . . . . . . . . . . . .300µV, Max
• Offset Drift . . . . . . . . . . . . . . . . Grade C 10µV/°C
• Low Current Consumption . . . . . . . . . . . . . 2.55mA
• Operating Temperature Range . . . -40°C to +125°C
• Small Package Offerings in Single, and Dual
• Pb-Free (RoHS compliant)
Applications*(see page 16)
• Precision Instruments
• Photodiode Amplifiers
• High Impedance Buffers
• Medical Instrumentation
• Active Filter Blocks
• Industrial Controls
Typical Application
Input Bias Current vs Common
Mode Input Voltage
-
+
OUTPUT
V+
RSH
V-
BASIC APPLICATION CIRCUIT - PHOTODIODE AMPLIFIER
PHOTO
CT
RF
DIODE
CF
VCM (V)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-15
-10
-5
0
5
10
15
VS = ±15V
September 13, 2010
FN6639.0


유사한 부품 번호 - ISL28110

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28110 INTERSIL-ISL28110 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
More results

유사한 설명 - ISL28110

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110_1012 INTERSIL-ISL28110_1012 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com