전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18291HN 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TDA18291HN
상세설명  Low power DVB / T tuner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18291HN 데이터시트(HTML) 2 Page - NXP Semiconductors

  TDA18291HN Datasheet HTML 1Page - NXP Semiconductors TDA18291HN Datasheet HTML 2Page - NXP Semiconductors TDA18291HN Datasheet HTML 3Page - NXP Semiconductors TDA18291HN Datasheet HTML 4Page - NXP Semiconductors TDA18291HN Datasheet HTML 5Page - NXP Semiconductors TDA18291HN Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TDA18291HN_SDS_1
© NXP B.V. 2007. All rights reserved.
Product short data sheet
Rev. 01 — 28 August 2007
2 of 6
NXP Semiconductors
TDA18291HN
Low power DVB-H / T tuner
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCCA
analog supply voltage
2.6
2.8
3.0
V
VCCD
digital supply voltage
1.6
1.8
2.0
V
ICCA
analog supply current
Normal mode
-
54
-
mA
ICCD
digital supply current
-
0.6
-
mA
Vo(dif)(p-p)
peak-to-peak differential
output voltage
-
1.0
1.4
V
f−3dB(lpf)
low-pass filter cut-off
frequency
3.8
4.0
4.2
MHz
∆GAGC
AGC gain range
-
60
-
dB
Tamb
ambient temperature
−30
+25
+70
°C
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA18291HN/C1
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1


유사한 부품 번호 - TDA18291HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18211HDC2 NXP-TDA18211HDC2 Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
More results

유사한 설명 - TDA18291HN

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
TDA18211HD NXP-TDA18211HD Datasheet
320Kb / 66P
   DVB-T Silicon Tuner IC
Rev. 05-2 June 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
   Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
logo
NXP Semiconductors
TDA10045H PHILIPS-TDA10045H Datasheet
94Kb / 20P
   DVB-T channel receiver
2001 Nov 08
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com