전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA18211HDC2 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA18211HDC2
상세설명  DVB-T Silicon Tuner IC
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA18211HDC2 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA18211HDC2 Datasheet HTML 4Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 5Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 6Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 7Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 8Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 9Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 10Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 11Page - NXP Semiconductors TDA18211HDC2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 5.
I2C-bus format
Name
Byte
name
Sub
address
Bit
7
6
5
4
3
2
1
0
Address byte 1
-
-
1
1
0
0
0
MA[1]
MA[0]
R/W
Address byte 2
-
-
0
0
AD[5:0]
ID byte
ID
00h
1
ID[6:0]
Thermo byte
TM
01h
POR
LOCK
TM_RANGE
TM_ON
TM_D[3:0]
Power level byte
PL
02h
POWER_LEVEL[7:0]
Easy Prog byte 1
EP1
03h
POWER_
LEVEL[8]
DIS_
POWER_
LEVEL
0
RF_CAL_OK IR_CAL_OK
BP_FILTER[2:0]
Easy Prog byte 2
EP2
04h
RF_BAND[2:0]
GAIN_TAPER[4:0]
Easy Prog byte 3
EP3
05h
SM
SM_LT
SM_XT
STD[4:0]
Easy Prog byte 4
EP4
06h
FM_RFN
XTOUT_ON
1
IF_LEVEL[2:0]
CAL_MODE[1:0]
Easy Prog byte 5
EP5
07h
EXTENDED
_REG
IR_GSTEP[2:0]
0
IR_MEAS[2:0]
Cal Post-Divider byte CPD
08h
CAL_POST_DIV[7:0]
Cal Divider byte 1
CD1
09h
0
CAL_DIV[22:16]
Cal Divider byte 2
CD2
0Ah
CAL_DIV[15:8]
Cal Divider byte 3
CD3
0Bh
CAL_DIV[7:0]
Main Post-Divider
byte
MPD
0Ch
IF_NOTCH
MAIN_POST_DIV[6:0]
Main Divider byte 1
MD1
0Dh
0
MAIN_DIV[22:16]
Main Divider byte 2
MD2
0Eh
MAIN_DIV[15:8]
Main Divider byte 3
MD3
0Fh
MAIN_DIV[7:0]
Extended byte 1
EB1
10h
EB1[7:3]
CALVCO_
FORLON
AGC1_
ALWAYS_
MASTERN
AGC1_
FIRSTN
Extended byte 2
EB2
11h
EB2[7:0]
Extended byte 3
EB3
12h
EB3[7:0]
Extended byte 4
EB4
13h
EB4[7:6]
LO_FORCE
SRCE
EB4[4:0]
Extended byte 5
EB5
14h
EB5[7:0]
Extended byte 6
EB6
15h
EB6[7:0]


유사한 부품 번호 - TDA18211HDC2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18212HN NXP-TDA18212HN Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNC1 NXP-TDA18212HNC1 Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNM NXP-TDA18212HNM Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18212HNS NXP-TDA18212HNS Datasheet
220Kb / 10P
   Silicon Tuner for terrestrial and cable digital TV reception
Rev. 2-12 August 2010
TDA18214 NXP-TDA18214 Datasheet
226Kb / 8P
   Silicon tuner for digital terrestrial and cable TV reception
Rev. 1-13 July 2012
More results

유사한 설명 - TDA18211HDC2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA18218HN NXP-TDA18218HN Datasheet
138Kb / 25P
   DVB-T Silicon Tuner IC
Rev. 01-8 July 2009
logo
Analog Devices
ADMTV102 AD-ADMTV102 Datasheet
63Kb / 2P
   RF Tuner IC for DVB-H, DVB-T, DTMB, and CMMB
Rev. Sp0
logo
NXP Semiconductors
TDA18291HN NXP-TDA18291HN Datasheet
129Kb / 6P
   Low power DVB / T tuner
Rev. 01-28 August 2007
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
NXP Semiconductors
TDA18271HD NXP-TDA18271HD_09 Datasheet
334Kb / 70P
   Silicon Tuner IC
Rev. 04-19 May 2009
TDA18271HD NXP-TDA18271HD Datasheet
321Kb / 69P
   Silicon Tuner IC
Rev. 03-11 September 2008
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com