전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9882TS 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA9882TS
상세설명  Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9882TS 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA9882TS Datasheet HTML 1Page - NXP Semiconductors TDA9882TS Datasheet HTML 2Page - NXP Semiconductors TDA9882TS Datasheet HTML 3Page - NXP Semiconductors TDA9882TS Datasheet HTML 4Page - NXP Semiconductors TDA9882TS Datasheet HTML 5Page - NXP Semiconductors TDA9882TS Datasheet HTML 6Page - NXP Semiconductors TDA9882TS Datasheet HTML 7Page - NXP Semiconductors TDA9882TS Datasheet HTML 8Page - NXP Semiconductors TDA9882TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
9397 750 13507
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
3 of 45
Philips Semiconductors
TDA9882
Multistandard vision and QSS FM sound IF PLL demodulator
[1]
Values of video and sound parameters can be decreased at VP = 4.5 V.
[2]
The time constant (R
× C) at the supply must be > 1.2 µs (e.g. 1 Ω and 2.2 µF).
[3]
Condition: luminance range (5 steps) from 0 % to 100 %.
[4]
AC load: CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on the TV standard) are attenuated by the integrated
sound carrier traps (see Figure 12 to Figure 17;
H(s) is the absolute value of the transfer function).
[5]
S/NW(video) is the ratio of the black-to-white amplitude to the black level noise voltage (RMS value measured on pin CVBS). B = 5 MHz
(B/G, I and D/K standard). Noise analyzer setting: 200 kHz high-pass and SC-trap switched on.
[6]
Conditions: video signal, grey level and negative modulation.
[7]
Pin REF is able to operate as a 1-pin crystal oscillator input as well as an external reference signal input, e.g. from the tuning system.
5.
Ordering information
BAF(−3dB)
−3 dB AF bandwidth
without de-emphasis;
dependent on FM PLL
filter
80
100
-
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
FM: 27 kHz FM deviation;
50
µs de-emphasis; vision
carrier unmodulated
52
56
-
dB
AM: m = 54 %
45
50
-
dB
αAM(sup)
AM suppression of
FM demodulator
50
µs de-emphasis;
AM: f = 1 kHz and
m = 54 %; referenced to
27 kHz FM deviation
40
46
-
dB
PSRRAUD
power supply ripple rejection on
pin AUD
fripple =70Hz;
see Figure 5
for AM
2026-
dB
for FM
1420-
dB
Vo(intc)(rms)
IF intercarrier output level
(RMS value)
SC1;SC2 off
90
140
210
mV
Reference frequency
fref
reference signal frequency
[7] -4
-MHz
Vref(rms)
reference signal voltage
(RMS value)
operation as input
terminal
80
-
400
mV
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA9882TS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA9882HN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-3


유사한 부품 번호 - TDA9882TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881HN NXP-TDA9881HN Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9881TS NXP-TDA9881TS Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
More results

유사한 설명 - TDA9882TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9881 NXP-TDA9881 Datasheet
226Kb / 42P
   Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Rev. 01-16 November 2004
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com