전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9881TS 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TDA9881TS
상세설명  Alignment-free vision and FM sound IF PLL demodulator for negative modulated TV standards
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9881TS 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TDA9881TS Datasheet HTML 2Page - NXP Semiconductors TDA9881TS Datasheet HTML 3Page - NXP Semiconductors TDA9881TS Datasheet HTML 4Page - NXP Semiconductors TDA9881TS Datasheet HTML 5Page - NXP Semiconductors TDA9881TS Datasheet HTML 6Page - NXP Semiconductors TDA9881TS Datasheet HTML 7Page - NXP Semiconductors TDA9881TS Datasheet HTML 8Page - NXP Semiconductors TDA9881TS Datasheet HTML 9Page - NXP Semiconductors TDA9881TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
9397 750 13417
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2004
6 of 42
Philips Semiconductors
TDA9881
Alignment-free vision and FM sound IF PLL demodulator
7.2 Pin description
Table 3:
Pin description
Symbol
Pin
Description
TDA9881TS
TDA9881HN
VIF1
1
30
VIF differential input 1
VIF2
2
31
VIF differential input 2
n.c.
-
32
not connected
i.c.
3
1
internally connected; leave open
FMPLL
4
2
FM PLL for loop filter
DEEM
5
3
de-emphasis output for capacitor
AFD
6
4
AF decoupling input for capacitor
DGND
7
5
digital ground
n.c.
-
6
not connected
FMSO
8
7
FM sound output
TOP
9
8
tuner AGC TakeOver Point (TOP) for resistor adjustment
FM1
10
9
FM IF select bit 1
FM0
11
10
FM IF select bit 0
QSSO
12
11
single reference QSS output and vision IF select bit 1
with resistor
n.c.
-
12
not connected
n.c.
-
13
not connected
VIF0
13
14
vision IF select bit 0
TAGC
14
15
tuner AGC output
REF
15
16
4 MHz crystal or reference signal input
AMUTE0
16
17
auto mute select bit 0
CVBS
17
18
composite video output
n.c.
-
19
not connected
AGND
18
20
analog ground
VPLL
19
21
VIF PLL for loop filter
VP
20
22
supply voltage
AFC
21
23
AFC output
VAGC
22
24
vision AGC output
n.c.
-
25
not connected
SIF1
23
26
SIF differential input 1 and intercarrier mode select
SIF2
24
27
SIF differential input 2 and intercarrier mode select
n.c.
-
28
not connected
n.c.
-
29
not connected


유사한 부품 번호 - TDA9881TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9880T PHILIPS-TDA9880T Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882HN NXP-TDA9882HN Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
TDA9882TS NXP-TDA9882TS Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results

유사한 설명 - TDA9881TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9880 PHILIPS-TDA9880 Datasheet
195Kb / 40P
   Alignment-free multistandard vision and FM sound IF-PLL demodulator
1999 Jul 21
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9887 PHILIPS-TDA9887 Datasheet
308Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
TDA9887TS NXP-TDA9887TS Datasheet
232Kb / 58P
   I2C-bus controlled multistandard alignment-free IF-PLL demodulator with FM radio
2004 Aug 25
logo
TEMIC Semiconductors
U2861B TEMIC-U2861B Datasheet
263Kb / 11P
   Mono FM Sound Demodulator for TV Systems
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
STMicroelectronics
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
   MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com