전자부품 데이터시트 검색엔진 |
|
LM2931XX 데이터시트(PDF) 5 Page - STMicroelectronics |
|
LM2931XX 데이터시트(HTML) 5 Page - STMicroelectronics |
5 / 21 page LM2931XX, LM2931AXX33, LM2931AXX50 Maximum ratings Doc ID 6740 Rev 19 5/21 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC positive input voltage 40 V VI DC reverse input voltage -15 V VI Transient input voltage ( τ < 100 ms) 60 V VI Transient reverse input voltage ( τ < 100 ms) -50 V VINH Inhibit input voltage 40 V IO Output current Internally limited TSTG Storage temperature range -65 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 3. Thermal data Symbol Parameter SO-8 DPAK TO-92 Unit RthJC Thermal resistance junction-case 20 8 °C/W RthJA Thermal resistance junction-ambient 55 (1) 100 200 °C/W 1. Considering 6 cm2 of copper board heat-sink. |
유사한 부품 번호 - LM2931XX_10 |
|
유사한 설명 - LM2931XX_10 |