전자부품 데이터시트 검색엔진 |
|
STB6033 데이터시트(PDF) 4 Page - EIC discrete Semiconductors |
|
STB6033 데이터시트(HTML) 4 Page - EIC discrete Semiconductors |
4 / 4 page RATING AND CHARACTERISTIC CURVES ( STB606I - STB65G4 ) FIG.1 - PULSE DERATING CURVE FIG.2 - PULSE WAVEFORM 0 25 50 75 100 125 150 175 Ta, AMBIENT TEMPERATURE, ( °C) FIG.3 - STEADY STATE POWER DERATING FIG.4 - PULSE RATING CURVE Page 4 of 4 Rev. 03 : March 25, 2005 80 60 40 20 120 5.00 100 10 0 1.25 3.75 0 0.1 2.50 1.0 tp, PULSE WIDTH 100 100 125 175 0 25 50 75 150 0.1 µs 1.0 µs 10 µs 100 µs 10ms 1.0ms 200 TL, LEAD TEMPERATURE ( °C) tp 50 100 0 Tr = 10 µs Peak Value IRSM Half Value - IRSM T, TIME(ms) 1.0 2.0 3.0 4.0 0 2 TJ=25 °C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM 10X1000 Waveform as defined by R.E.A. Single Phase Half Wave 60 Hz Resistive or Inductive load |
유사한 부품 번호 - STB6033 |
|
유사한 설명 - STB6033 |