전자부품 데이터시트 검색엔진 |
|
SMAZ36 데이터시트(PDF) 2 Page - EIC discrete Semiconductors |
|
SMAZ36 데이터시트(HTML) 2 Page - EIC discrete Semiconductors |
2 / 2 page ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Zener Voltage (2) Maximum Zener Maximum Reverse Maximum Type VZ @ IZT Impedance Leakage Current, IR DC Zener Number Nom Min Max IZT ZZT @ IZT ZZk @ IZK IZK IR @ V R Current (1) (V) (V) (V) (mA) ( Ω)(Ω) (mA) ( μA) (V) IZM (mA) SMAZ5V1 5.1 4.84 5.40 100 5.0 500 1.0 2.5 1.0 196 SMAZ5V6 5.6 5.32 5.88 100 2.0 250 2.0 5.0 2.0 179 SMAZ6V2 6.2 5.89 6.51 100 2.0 200 2.0 5.0 3.0 161 SMAZ6V8 6.8 6.46 7.14 100 2.0 200 1.0 5.0 4.0 147 SMAZ7V5 7.5 7.13 7.88 100 2.0 450 1.0 5.0 5.0 133 SMAZ8V2 8.2 7.79 8.61 100 2.0 200 1.0 5.0 6.0 122 SMAZ9V1 9.1 8.65 9.56 50 4.0 200 1.0 5.0 7.0 10 SMAZ10 10.0 9.50 10.50 50 4.0 200 1.0 1.0 7.6 100 SMAZ12 12.0 11.40 12.60 50 7.0 150 1.0 1.0 9.1 83 SMAZ15 15.0 14.25 15.75 50 10 150 1.0 1.0 11.4 67 SMAZ16 16.0 15.20 16.80 25 15 150 1.0 0.5 12.2 63 SMAZ18 18.0 17.10 18.90 25 15 150 1.0 0.5 13.7 56 SMAZ20 20.0 19.00 21.00 25 15 180 1.0 0.5 15.2 50 SMAZ22 22.0 20.90 23.10 25 15 180 1.0 0.5 16.7 45 SMAZ24 24.0 22.80 25.20 25 15 180 1.0 0.5 18.2 42 SMAZ27 27.0 25.65 28.35 25 15 200 1.0 0.5 20.5 37 SMAZ30 30.0 28.50 31.50 25 15 250 1.0 0.5 22.8 33 SMAZ33 33.0 31.35 34.65 25 15 300 1.0 0.5 25.1 30 SMAZ36 36.0 34.20 37.80 10 40 350 1.0 0.5 27.4 28 SMAZ39 39.0 37.05 40.95 10 40 450 1.0 0.5 29.6 26 Notes : (1) P.C.B. Mounted on 1.0" x 0.85" x 0.062" copper areas pads. (2) Short duration test pulse used to minimize self-heating effect. (3) "SMA" will be omitted in marking on the diode. Page 2 of 2 Rev. 05 : September 18, 2008 IATF 0060636 SGS TH07/1033 TW00/17276EM TH97/10561QM |
유사한 부품 번호 - SMAZ36 |
|
유사한 설명 - SMAZ36 |