전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2859 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SK2859
상세설명  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2859 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SK2859 Datasheet HTML 1Page - Sanyo Semicon Device 2SK2859 Datasheet HTML 2Page - Sanyo Semicon Device 2SK2859 Datasheet HTML 3Page - Sanyo Semicon Device 2SK2859 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.5851-3/4
2SK2859
Ambient Temperature,Ta – ˚C
020
0.4
0.2
0.6
0.8
1.8
1.2
1.4
1.6
1.0
0
40
60
80
100
120
140
160
Mounted
on
a
ceramic
board(1000mm
2×0.8mm)
PD– Ta
Drain Current,ID –A
td(off)
td(on)
tf
tr
VDD=50V
VGS=10V
5
3
2
100
10
7
5
3
2
7
5
5
7
2
3
5
7
2
3
5
7 10
1.0
0.1
SW Time ID
,,,,,,
,,,,,,
,,,,,,
,,,,,,
,,,,,,
Drain-to-Source Voltage,VDS –V
1ms
10ms
100
µ
s
100ms
DC
operation
I DP
I D
(Mounted
on
a ceramic
board
(1000mm
×0.8mm)
2
Operation in this
area is limited
by RDS(on).
Ta=25˚C
1pulse
2
2
3
3
5
5
7
7
0.01
0.1
1.0
23
23
55
7 10
2
7 100
2
3
5
7
1.0
2
3
5
7
10
2
ASO
Drain-to-Source Voltage,VDS –V
f=1MHz
Ciss
Coss
Crss
3
2
1000
100
10
7
5
3
2
7
5
3
2
7
5
0
4
8
12
1620
242832
Case Temperature,Tc – ˚C
VGS
=4V
VGS
=10V
ID=2A
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–80
–40
40
80
120
160
0
Ciss, Coss, Crss VDS
RDS(on) – TC
10
µs


유사한 부품 번호 - 2SK2859

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SK2859 KEXIN-2SK2859 Datasheet
39Kb / 1P
   N-Channel Silicon MOSFET
More results

유사한 설명 - 2SK2859

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com