전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3119 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 2SK3119
상세설명  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3119 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  2SK3119 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3119 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3119 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3119 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SK3119
No.6098–3/4
SW Time - I D
A S O
P D - Ta
P D - Tc
VDD=10V
VGS=4V
IDP=8A
ID=2A
Operation in this area
is limited by RDS(on).
2
3
5
7
2
3
5
7
2
2
3
5
7
23
5
7
23
5
7
2
3
2
3
5
7
2
3
5
7
2
3
5
7
7
2
35
7
2
35
7
Ciss, Coss, Crss - VDS
VGS - Qg
f=1MHz
Ciss
Coss
Crss
2
3
5
7
2
3
5
7
VDS=10V
ID=2A
td(on)
t r
td(off)
tf
100m
s
10ms
1ms
100
µs
DC
operation
100
10
1000
4
2
6
8
101214161820
1
2
3
4
5
6
0
0
1
2
3
4
5
6
7
8
9
10
10
1.0
100
1000
1.0
0.1
0.1
0.01
1.0
10
10
1.0
0.1
20
60
40
80
120
100
140
160
0
0
0.2
0.4
0.6
0.8
1.0
1.3
1.2
1.4
20
60
40
80
120
100
140
160
0
0
1.0
2.0
3.0
3.5
4.0
0
Drain-to-Source Voltage,VDS –V
Drain-to-Source Voltage,VDS –V
Total Gate Charge, Qg – nC
Drain Current, ID –A
Tc= 25˚C
1pulse
Case Temperature, Tc –
°C
Ambient Temperature, Ta –
°C
Mounted
on
a
ceramic
board
(250mm
2
×
0.8mm)
VDS=10V
VGS=0
2
3
57
2
3
57
2
3
57
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
Tc=-25
°C
25°
C
75°
C
I F - VSD
0.1
2
3
5
7
2
3
5
7
0.01
0.1
1.0
1.0
10
0.01
0.001
0.1
1.0
10
0
0.2
0.4
0.6
1.0
0.8
1.2
1.4
Drain Current, ID –A
Diode Forward Voltage, VSD –V
| yfs | - ID


유사한 부품 번호 - 2SK3119

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK311 HITACHI-2SK311 Datasheet
49Kb / 1P
   SILICON N-CHANNEL MOS FET (HIGH SPEED POWER SWITCHING)
logo
Inchange Semiconductor ...
2SK311 ISC-2SK311 Datasheet
65Kb / 2P
   Drain Current ?밒D=3A@ TC=25C
logo
NEC
2SK3110 NEC-2SK3110 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
2SK3110 RENESAS-2SK3110 Datasheet
239Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SK3111 NEC-2SK3111 Datasheet
75Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

유사한 설명 - 2SK3119

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com