전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9276BSVZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9276BSVZ
상세설명  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9276BSVZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD9276BSVZ Datasheet HTML 4Page - Analog Devices AD9276BSVZ Datasheet HTML 5Page - Analog Devices AD9276BSVZ Datasheet HTML 6Page - Analog Devices AD9276BSVZ Datasheet HTML 7Page - Analog Devices AD9276BSVZ Datasheet HTML 8Page - Analog Devices AD9276BSVZ Datasheet HTML 9Page - Analog Devices AD9276BSVZ Datasheet HTML 10Page - Analog Devices AD9276BSVZ Datasheet HTML 11Page - Analog Devices AD9276BSVZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD9276
Rev. 0 | Page 8 of 48
SWITCHING SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.0 V, DRVDD = 1.8 V, 1.0 V internal ADC reference, fIN = 5 MHz, full temperature, unless otherwise noted.
Table 3.
Parameter1
Temperature
Min
Typ
Max
Unit
CLOCK2
Clock Rate
40 MSPS (Mode I)
Full
10
40
MHz
65 MSPS (Mode II)
Full
10
65
MHz
80 MSPS (Mode III)
Full
10
80
MHz
Clock Pulse Width High (tEH)
Full
6.25
ns
Clock Pulse Width Low (tEL)
Full
6.25
ns
OUTPUT PARAMETERS2, 3
Propagation Delay (tPD)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
Rise Time (tR) (20% to 80%)
Full
300
ps
Fall Time (tF) (20% to 80%)
Full
300
ps
FCO Propagation Delay (tFCO)
Full
(tSAMPLE/2) + 1.5
(tSAMPLE/2) + 2.3
(tSAMPLE/2) + 3.1
ns
DCO Propagation Delay (tCPD)4
Full
tFCO + (tSAMPLE/24)
ns
DCO to Data Delay (tDATA)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
DCO to FCO Delay (tFRAME)4
Full
(tSAMPLE/24) − 300
(tSAMPLE/24)
(tSAMPLE/24) + 300
ps
Data-to-Data Skew (tDATA-MAX − tDATA-MIN)
Full
±100
±350
ps
Wake-Up Time (Standby), GAIN+ = 0.5 V
25°C
2
μs
Wake-Up Time (Power-Down)
25°C
1
ms
Pipeline Latency
Full
8
Clock
cycles
APERTURE
Aperture Uncertainty (Jitter)
25°C
<1
ps rms
LO GENERATION
4LO Frequency
Full
4
40
MHz
LO Divider RESET Setup Time5
Full
5
ns
LO Divider RESET Hold Time5
Full
5
ns
LO Divider RESET High Pulse Width
Full
20
ns
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and information about how these tests were
completed.
2 Can be adjusted via the SPI.
3 Measurements were made using a part soldered to FR-4 material.
4 tSAMPLE/24 is based on the number of bits divided by 2 because the delays are based on half duty cycles.
5 RESET edge to rising 4LO edge.


유사한 부품 번호 - AD9276BSVZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276BSVZ AD-AD9276BSVZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
More results

유사한 설명 - AD9276BSVZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com