전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9276BSVZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9276BSVZ
상세설명  Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9276BSVZ 데이터시트(HTML) 3 Page - Analog Devices

  AD9276BSVZ Datasheet HTML 1Page - Analog Devices AD9276BSVZ Datasheet HTML 2Page - Analog Devices AD9276BSVZ Datasheet HTML 3Page - Analog Devices AD9276BSVZ Datasheet HTML 4Page - Analog Devices AD9276BSVZ Datasheet HTML 5Page - Analog Devices AD9276BSVZ Datasheet HTML 6Page - Analog Devices AD9276BSVZ Datasheet HTML 7Page - Analog Devices AD9276BSVZ Datasheet HTML 8Page - Analog Devices AD9276BSVZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
AD9276
Rev. 0 | Page 3 of 48
GENERAL DESCRIPTION
The AD9276 is designed for low cost, low power, small size,
and ease of use. It contains eight channels of a variable gain
amplifier (VGA) with a low noise preamplifier (LNA); an anti-
aliasing filter (AAF); a 12-bit, 10 MSPS to 80 MSPS analog-to-
digital converter (ADC); and an I/Q demodulator with
programmable phase rotation.
Each channel features a variable gain range of 42 dB, a fully
differential signal path, an active input preamplifier termination,
a maximum gain of up to 52 dB, and an ADC with a conversion
rate of up to 80 MSPS. The channel is optimized for dynamic
performance and low power in applications where a small
package size is critical.
The LNA has a single-ended-to-differential gain that is selectable
through the SPI. The LNA input noise is typically 0.75 nV/√Hz
at a gain of 21.3 dB, and the combined input-referred noise of
the entire channel is 0.85 nV/√Hz at maximum gain. Assuming
a 15 MHz noise bandwidth (NBW) and a 21.3 dB LNA gain, the
input SNR is roughly 92 dB. In CW Doppler mode, each LNA
output drives an I/Q demodulator. Each demodulator has inde-
pendently programmable phase rotation through the SPI with
16 phase settings.
The AD9276 requires a LVPECL-/CMOS-/LVDS-compatible
sample rate clock for full performance operation. No external
reference or driver components are required for many applications.
The ADC automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. A data clock (DCO±) for
capturing data on the output and a frame clock (FCO±) trigger
for signaling a new output byte are provided.
Powering down individual channels is supported to increase
battery life for portable applications. A standby mode option
allows quick power-up for power cycling. In CW Doppler opera-
tion, the VGA, AAF, and ADC are powered down. The power of
the TGC path scales with selectable ADC speed power modes.
The ADC contains several features designed to maximize flexibility
and minimize system cost, such as a programmable clock, data
alignment, and programmable digital test pattern generation. The
digital test patterns include built-in fixed patterns, built-in pseudo-
random patterns, and custom user-defined test patterns entered
via the serial port interface.
Fabricated in an advanced CMOS process, the AD9276 is
available in a 16 mm × 16 mm, RoHS compliant, 100-lead
TQFP. It is specified over the industrial temperature range
of −40°C to +85°C.


유사한 부품 번호 - AD9276BSVZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276BSVZ AD-AD9276BSVZ Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
More results

유사한 설명 - AD9276BSVZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9276 AD-AD9276_17 Datasheet
832Kb / 49P
   Octal LNA/VGA/AAF/12-Bit ADC and CW I/Q Demodulator
AD9278 AD-AD9278 Datasheet
910Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9279 AD-AD9279 Datasheet
971Kb / 44P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
REV. 0
AD9279 AD-AD9279_17 Datasheet
958Kb / 45P
   Octal LNA/VGA/AAF/ADC and CW I/Q Demodulator
AD9277 AD-AD9277_17 Datasheet
835Kb / 49P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
AD9277 AD-AD9277 Datasheet
1Mb / 48P
   Octal LNA/VGA/AAF/14-Bit ADC and CW I/Q Demodulator
REV. 0
AD9272 AD-AD9272 Datasheet
71Kb / 2P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
Rev. Sp0
AD9271 AD-AD9271_17 Datasheet
1Mb / 61P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9273 AD-AD9273 Datasheet
710Kb / 49P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
AD9271 AD-AD9271_15 Datasheet
1Mb / 60P
   Octal LNA/VGA/AAF/ADC and Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com