전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2903SFV 데이터시트(PDF) 3 Page - Rohm

부품명 BA2903SFV
상세설명  Comparators : Ground Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2903SFV 데이터시트(HTML) 3 Page - Rohm

  BA2903SFV Datasheet HTML 1Page - Rohm BA2903SFV Datasheet HTML 2Page - Rohm BA2903SFV Datasheet HTML 3Page - Rohm BA2903SFV Datasheet HTML 4Page - Rohm BA2903SFV Datasheet HTML 5Page - Rohm BA2903SFV Datasheet HTML 6Page - Rohm BA2903SFV Datasheet HTML 7Page - Rohm BA2903SFV Datasheet HTML 8Page - Rohm BA2903SFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
3/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
○BA2903S/BA2903 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*3)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
(*4)
-
-
15
VCC=5~36[V],VOUT=1.4[V]
Input Offset Current
(*3)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
v
-
-
200
Input Bias Current
(*3)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Full range
(*4)
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Full range
(*4)
-
-
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V],VOUT=1.4~11.4[V]
RL=15[k
Ω],VRL=15[V]
Full range
(*4)
-
-
-
Supply Current
ICC
25℃
-
0.6
1
mA
VOUT=open
Full range
(*4)
-
-
2.5
VOUT=open,VCC=36[V]
Output Sink Current
(*4)
IOL
25℃
6
16
-
mA
VIN+=0[V],VIN=1[V],VOL=1.5[V]
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25℃
-
150
400
mV
VIN+=0[V],VIN-=1[V],IOL=4[mA]
Full range
(*4)
-
-
700
Output Leakage Current
(High Level Output Current)
Ileak
25℃
-
0.1
-
nA
VIN+=1[V],VIN-=0[V],VOH=5[V]
Full range
(*4)
-
-
1
μA
VIN+=1[V],VIN-=0[V],VOH=36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1[k
Ω],VRL=5[V]
VIN=100[mVp-p],overdrive=5[mV]
-
0.4
-
RL=5.1[k
Ω],VRL=5[V],VIN=TTL
Logic Swing,VREF=1.4[V]
Operable Frequency
Fopr
25℃
-
-
-
kHz
VCC=5[V],RL=2[k
Ω], VIN+=1.5[V]
VIN-=5[Vp-p]
(Duty 50% Rectangular Pulse)
(*3)
Absolute value
(*4)
BA2903S family:Full range -40[℃]~+105[℃]
(*4)
BA2903 family :Full range -40[℃]~+125[℃]
○BBA2901S/BA2901 family (Unless otherwise specified VCC=+5[V], VEE=0[V])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(*3)
Vio
25℃
-
2
7
mV
VOUT=1.4[V]
Full range
(*4)
-
-
15
VCC=5~36[V],VOUT=1.4[V]
Input Offset Current
(*3)
Iio
25℃
-
5
50
nA
VOUT=1.4[V]
v
-
-
200
Input Bias Current
(*3)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Full range
(*4)
-
-
500
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Full range
(*4)
-
-
-
Large Signal Voltage Gain
AV
25℃
88
100
-
dB
VCC=15[V],VOUT=1.4~11.4[V]
RL=15[k
Ω],VRL=15[V]
Full range
(*4)
-
-
-
Supply Current
ICC
25℃
-
0.8
2
mA
VOUT=open
Full range
(*4)
-
-
2.5
VOUT=open,VCC=36[V]
Output Sink Current
(*4)
IOL
25℃
6
16
-
mA
VIN+=0[V],VIN=1[V],VOL=1.5[V]
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25℃
-
150
400
mV
VIN+=0[V],VIN-=1[V],IOL=4[mA]
Full range
(*4)
-
-
700
Output Leakage Current
(High Level Output Current)
Ileak
25℃
-
0.1
-
nA
VIN+=1[V],VIN-=0[V],VOH=5[V]
Full range
(*4)
-
-
1
μA
VIN+=1[V],VIN-=0[V],VOH=36[V]
Response Time
Tre
25℃
-
1.3
-
μs
RL=5.1[k
Ω],VRL=5[V]
VIN=100[mVp-p],overdrive=5[mV]
-
0.4
-
RL=5.1[k
Ω],VRL=5[V],VIN=TTL
Logic Swing,VREF=1.4[V]
Operable Frequency
Fopr
25℃
-
-
-
kHz
VCC=5[V],RL=2[k
Ω], VIN+=1.5[V]
VIN-=5[Vp-p]
(Duty 50% Rectangular Pulse)
(*3)
Absolute value
(*4)
BA2901S family:Full range -40[℃]~+105[℃]
(*4)
BA2901 family :Full range -40[℃]~+125[℃]


유사한 부품 번호 - BA2903SFV

제조업체부품명데이터시트상세설명
logo
Rohm
BA2903SFV ROHM-BA2903SFV Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903SFV ROHM-BA2903SFV Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903SFV ROHM-BA2903SFV Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SFV ROHM-BA2903SFV Datasheet
533Kb / 25P
   Ground Sense Comparators
BA2903SFV ROHM-BA2903SFV Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

유사한 설명 - BA2903SFV

제조업체부품명데이터시트상세설명
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com