전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2350 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 2SK2350
상세설명  Switching Regulator, DC−DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2350 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  2SK2350_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2350_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2350_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2350_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2350_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2350_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK2350
2009-12-10
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L
2
−π−MOSV)
2SK2350
Switching Regulator, DC−DC Converter and Motor Drive
Applications
4-V gate drive
Low drain−source ON-resistance
: RDS (ON) = 0.26 Ω (typ.)
High forward transfer admittance
: |Yfs| = 8 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 200 V)
Enhancement mode
: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
200
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
200
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
8.5
A
Drain current
Pulse (Note 1)
IDP
34
A
Drain power dissipation (Tc = 25°C)
PD
30
W
Single pulse avalanche energy
(Note 2)
EAS
110
mJ
Avalanche current
IAR
8.5
A
Repetitive avalanche energy (Note 3)
EAR
3
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
4.16
°C / W
Thermal resistance, channel to ambient
Rth (ch−a)
62.5
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 2.47 mH, RG = 25 Ω, IAR = 8.5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


유사한 부품 번호 - 2SK2350_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2350 TOSHIBA-2SK2350_06 Datasheet
730Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
More results

유사한 설명 - 2SK2350_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2382 TOSHIBA-2SK2382_09 Datasheet
415Kb / 6P
   Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK3662 TOSHIBA-2SK3662_09 Datasheet
203Kb / 6P
   Switching Regulator, DC−DC Converter, Motor Drive Applications
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2843 TOSHIBA-2SK2843_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ511 TOSHIBA-2SJ511_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2679 TOSHIBA-2SK2679_09 Datasheet
397Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2835 TOSHIBA-2SK2835_09 Datasheet
404Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173_09 Datasheet
454Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com