전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ511 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 2SJ511
상세설명  Chopper Regulator, DC−DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ511 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  2SJ511_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ511_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ511_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ511_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ511_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ511_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ511
2009-09-29
2
Marking
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = −30 V, VGS = 0 V
−100
μA
Drain−source breakdown
voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −1 A
0.55
0.76
Drain−source ON resistance
RDS (ON)
VGS = −10 V, ID = −1 A
0.32
0.45
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −1 A
0.7
1.4
S
Input capacitance
Ciss
160
Reverse transfer capacitance
Crss
30
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
85
pF
Rise time
tr
30
Turn−on time
ton
45
Fall time
tf
30
Switching time
Turn−off time
toff
120
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
5.5
Gate−source charge
Qgs
4.3
Gate−drain (“miller”) charge
Qgd
VDD ≈ −24 V, VGS = −10 V, ID = −2 A
1.2
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR (Note 1)
−2
A
Pulse drain reverse current
(Note 1)
IDRP (Note 1)
−6
A
Forward voltage (diode)
VDSF
IDR = −2 A, VGS = 0 V
1.5
V
Reverse recovery time
trr
40
ns
Reverse recovery charge
Qrr
IDR = −2 A, VGS = 0 V
dIDR / dt = 50 A / μs
18
nC
Note 5: A line to the right of a Lot No. identifies the indication of
product Labels.
Without a line: [[Pb]]/INCLUDES > MCV
With a line: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Z
F
Part No.
(or abbreviation code)
Lot No.
Note 5


유사한 부품 번호 - 2SJ511_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SJ511 TOSHIBA-2SJ511 Datasheet
284Kb / 5P
   P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results

유사한 설명 - 2SJ511_09

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2843 TOSHIBA-2SK2843_09 Datasheet
419Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2679 TOSHIBA-2SK2679_09 Datasheet
397Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2835 TOSHIBA-2SK2835_09 Datasheet
404Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2173 TOSHIBA-2SK2173_09 Datasheet
454Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2992 TOSHIBA-2SK2992_09 Datasheet
402Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2733 TOSHIBA-2SK2733_09 Datasheet
418Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2400 TOSHIBA-2SK2400_09 Datasheet
384Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com