전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC849CLT1G 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 BC849CLT1G
상세설명  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849CLT1G 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button BC849CLT1G Datasheet HTML 5Page - ON Semiconductor BC849CLT1G Datasheet HTML 6Page - ON Semiconductor BC849CLT1G Datasheet HTML 7Page - ON Semiconductor BC849CLT1G Datasheet HTML 8Page - ON Semiconductor BC849CLT1G Datasheet HTML 9Page - ON Semiconductor BC849CLT1G Datasheet HTML 10Page - ON Semiconductor BC849CLT1G Datasheet HTML 11Page - ON Semiconductor BC849CLT1G Datasheet HTML 12Page - ON Semiconductor BC849CLT1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BC846ALT1G Series
http://onsemi.com
11
1 mS
Thermal Limit
1 S
Figure 33. Safe Operating Area for
BC846A, BC846B
Figure 34. Safe Operating Area for
BC847A, BC847B, BC847C, BC850B, BC850C
VCE, COLLECTOR EMITTER VOLTAGE (V)
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.001
0.01
0.1
1
100
10
1
0.1
0.001
0.01
0.1
1
Figure 35. Safe Operating Area for
BC848A, BC848B, BC848C, BC849B, BC849C
VCE, COLLECTOR EMITTER VOLTAGE (V)
100
10
1
0.1
0.001
0.01
0.1
1
100 mS 10 mS
1 mS
Thermal Limit
1 S
100 mS 10 mS
1 mS
Thermal Limit
1 S
100 mS 10 mS


유사한 부품 번호 - BC849CLT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
BC849CLT1G ONSEMI-BC849CLT1G Datasheet
113Kb / 13P
   General Purpose Transistors
January, 2017 ??Rev. 17
More results

유사한 설명 - BC849CLT1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com