전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCW70LT1 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 BCW70LT1
상세설명  General Purpose Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW70LT1 데이터시트(HTML) 4 Page - ON Semiconductor

  BCW70LT1 Datasheet HTML 1Page - ON Semiconductor BCW70LT1 Datasheet HTML 2Page - ON Semiconductor BCW70LT1 Datasheet HTML 3Page - ON Semiconductor BCW70LT1 Datasheet HTML 4Page - ON Semiconductor BCW70LT1 Datasheet HTML 5Page - ON Semiconductor BCW70LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCW70LT1G
http://onsemi.com
4
TYPICAL STATIC CHARACTERISTICS
Figure 6. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 7. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 8. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TA = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 9. Temperature Coefficients
50 mA
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
ms
DUTY CYCLE
≤ 2.0%
IB = 400 mA
350
mA
300
mA
250
mA
200
mA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
-55
°C to 25°C
25
°C to 125°C
-55
°C to 25°C
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
2.4
0.8
0
1.6
0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
150
mA
100
mA
50
mA
Figure 10. Turn−On Time
IC, COLLECTOR CURRENT (mA)
500
Figure 11. Turn−Off Time
IC, COLLECTOR CURRENT (mA)
2.0
5.0
10
20
30
50
1000
3.0
1.0
5.0
7.0
10
20
30
50
70
100
300
7.0
70
100
VCC = 3.0 V
IC/IB = 10
TJ = 25°C
td @ VBE(off) = 0.5 V
tr
10
20
30
50
70
100
200
300
500
700
- 2.0
-1.0
VCC = - 3.0 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
ts
tf
200
- 3.0
- 5.0 - 7.0
- 20
-10
- 30
- 50 - 70 -100


유사한 부품 번호 - BCW70LT1

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BCW70LT1 MOTOROLA-BCW70LT1 Datasheet
410Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
BCW70LT1 ONSEMI-BCW70LT1 Datasheet
309Kb / 8P
   General Purpose Transistors(PNP Silicon)
December, 1999 ??Rev. 0
logo
Leshan Radio Company
BCW70LT1 LRC-BCW70LT1 Datasheet
254Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BCW70LT1G ONSEMI-BCW70LT1G Datasheet
233Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 4
BCW70LT1G ONSEMI-BCW70LT1G_16 Datasheet
233Kb / 6P
   General Purpose Transistor
November, 2016 ??Rev. 4
More results

유사한 설명 - BCW70LT1

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com