전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT165 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 BAT165
상세설명  Medium Power AF Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT165 데이터시트(HTML) 4 Page - Infineon Technologies AG

  BAT165 Datasheet HTML 1Page - Infineon Technologies AG BAT165 Datasheet HTML 2Page - Infineon Technologies AG BAT165 Datasheet HTML 3Page - Infineon Technologies AG BAT165 Datasheet HTML 4Page - Infineon Technologies AG BAT165 Datasheet HTML 5Page - Infineon Technologies AG BAT165 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2007-04-19
4
BAT165...
Permissible Reverse voltage VR = ƒ (TA)
tp = Parameter, Duty cycle < 0.01
Device mounted on PCB with Rth = 160 k/W
0
20
40
60
80
100
120 °C
150
TA
0
5
10
15
20
25
30
35
40
V
50
300µs
100ms
DC
Forward current IF = ƒ (TS)
0
15
30
45
60
75
90
105 120 °C
150
TS
0
250
500
mA
1000
Permissible Puls Load RthJS = ƒ (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
D = 0.5
0.2
0.1
0.05
0.02
0.01
0.005
0
Permissible Pulse Load
IFmax/ IFDC = ƒ (tp)
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


유사한 부품 번호 - BAT165

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BAT165 SIEMENS-BAT165 Datasheet
23Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD)
logo
Infineon Technologies A...
BAT165 INFINEON-BAT165 Datasheet
392Kb / 4P
   Silicon Schottky Diode
Nov-07-2002
BAT165 INFINEON-BAT165 Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
BAT165 INFINEON-BAT165 Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
logo
Nexperia B.V. All right...
BAT165A NEXPERIA-BAT165A Datasheet
683Kb / 13P
   40 V, 0.75 A medium power Schottky barrier rectifier
More results

유사한 설명 - BAT165

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAS3010A INFINEON-BAS3010A Datasheet
122Kb / 6P
   Medium Power AF Schottky Diode
2007-04-10
BAS3010A-03W INFINEON-BAS3010A-03W Datasheet
122Kb / 6P
   Medium Power AF Schottky Diode
2007-04-10
BAS3005B-02LRH INFINEON-BAS3005B-02LRH Datasheet
856Kb / 8P
   Medium Power AF Schottky Diode
2012-07-02
BAS3010B INFINEON-BAS3010B Datasheet
63Kb / 6P
   Medium Power AF Schottky Diode
2007-04-19
BAS3005B INFINEON-BAS3005B Datasheet
67Kb / 7P
   Medium Power AF Schottky Diode
2007-04-19
logo
Micro Electronics
2N5810 MICRO-ELECTRONICS-2N5810 Datasheet
162Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTOR
BC327 MICRO-ELECTRONICS-BC327 Datasheet
130Kb / 2P
   PNP SILICON AF MEDIUM POWER TRANSISTOR
BC527 MICRO-ELECTRONICS-BC527 Datasheet
129Kb / 2P
   PNP SILICON AF MEDIUM POWER TRANSISTORS
BC737 MICRO-ELECTRONICS-BC737 Datasheet
141Kb / 2P
   NPN SILICON AF MEDIUM POWER TRANSISTORS
2N5820 MICRO-ELECTRONICS-2N5820 Datasheet
138Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com