전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4990 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 TLE4990
상세설명  Programmable Linear Output Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 데이터시트(HTML) 5 Page - Infineon Technologies AG

  TLE4990_05 Datasheet HTML 1Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 2Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 3Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 4Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 5Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 6Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 7Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 8Page - Infineon Technologies AG TLE4990_05 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Type
Package
TLE4990
PG-SSO-4-1
TLE4990-E6782
PG-SSO-4-1
Programmable Linear Output Hall Sensor
TLE4990
PG-SSO-4-1
PG-SSO-4-1
Data Sheet
5
V 2.4, 2005-11
1Overview
1.1
Features
Single supply voltage 4.5 - 5.5 V
Temperature Range from -40 °C up to 150 °C
Very slim 4-pin package with only 1mm thickness
Temperature compensation
Programmable parameters stored in fuse memory:
– magnetic range and magnetic sensitivity (gain)
– zero field voltage (offset)
– clamping option
–memory lock
– temperature coefficient (calibrated and fused during production)
Low drift of output signal over temperature and lifetime
Continuous measurement ranges between -200 mT and +200 mT or 0 and 400 mT
Output short circuit protection
Very linear and ratiometric rail-to-rail output signal with push-pull output
Reverse polarity and overvoltage protection for all pins
On-board diagnostics (wire breakage detection)
Individual programming and operation of multiple sensors with common power
supply
Completely calibrated and fused version -E6782
1.2
Target Applications
Robust replacement of potentiometers
– No mechanical abrasion
– Resistant to humidity, temperature, pollution, and vibration
Linear and angular position sensing in automotive applications like pedal position,
suspension control, valve or throttle position, headlight levelling, and steering angle
High current sensing for battery management, motor control, and electronic fuse


유사한 부품 번호 - TLE4990_05

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4990-E6782 INFINEON-TLE4990-E6782 Datasheet
699Kb / 24P
   Programmable Linear Output Hall Sensor
V 2.0, 2004-05
TLE4990-E6785 INFINEON-TLE4990-E6785 Datasheet
699Kb / 24P
   Programmable Linear Output Hall Sensor
V 2.0, 2004-05
More results

유사한 설명 - TLE4990_05

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990 Datasheet
699Kb / 24P
   Programmable Linear Output Hall Sensor
V 2.0, 2004-05
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com