전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAR50-03W 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 BAR50-03W
상세설명  Silicon PIN Diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR50-03W 데이터시트(HTML) 1 Page - Infineon Technologies AG

  BAR50-03W Datasheet HTML 1Page - Infineon Technologies AG BAR50-03W Datasheet HTML 2Page - Infineon Technologies AG BAR50-03W Datasheet HTML 3Page - Infineon Technologies AG BAR50-03W Datasheet HTML 4Page - Infineon Technologies AG BAR50-03W Datasheet HTML 5Page - Infineon Technologies AG BAR50-03W Datasheet HTML 6Page - Infineon Technologies AG BAR50-03W Datasheet HTML 7Page - Infineon Technologies AG BAR50-03W Datasheet HTML 8Page - Infineon Technologies AG BAR50-03W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2009-05-13
1
BAR50...
Silicon PIN Diodes
• Current-controlled RF resistor
for switching and attenuating applications
• Frequency range above 10 MHz up to 6 GHz
• Especially useful as antenna switch
in mobile communication
• Very low capacitance at zero volt reverse bias
at freuencies above 1 GHz (typ. 0.15 pF)
• Low forward resistance
• Very low harmonics distortion
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BAR50-02L
BAR50-02V
BAR50-03W

Type
Package
Configuration
LS(nH) Marking
BAR50-02L
BAR50-02V
BAR50-03W
TSLP-2-1
SC79
SOD323
single,leadless
single
single
0.4
0.6
1.8
AB
a
A


유사한 부품 번호 - BAR50-03W

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BAR50-03W INFINEON-BAR50-03W Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Guangdong Kexin Industr...
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50-03W INFINEON-BAR50-03W Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
More results

유사한 설명 - BAR50-03W

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com