전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE4966L 데이터시트(PDF) 10 Page - Infineon Technologies AG

부품명 TLE4966L
상세설명  High Precision Hall-Effect Switch with Direction Detection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4966L 데이터시트(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4966L_09 Datasheet HTML 6Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 7Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 8Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 9Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 10Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 11Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 12Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 13Page - Infineon Technologies AG TLE4966L_09 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TLE4966L
Electrical and Magnetic Parameters
Data Sheet
10
V 2.0, 2009-02
5
Electrical and Magnetic Parameters
Table 5
Electrical Characteristics 1)
1) over operating range, unless otherwise specified. Typical values correspond to
VS = 12 V and TA = 25°C
Parameter
Symbol
Limit Values
Unit
Conditions
min.
typ.
max.
Supply current
I
S
4
5.2
7
mA
V
S = 2.7 V ... 18 V
Reverse current
I
SR
0
0.2
1
mA
V
S = -18 V
Output saturation
voltage
V
QSAT
0.3
0.6
V
I
Q = 10 mA
Output leakage
current
I
QLEAK
0.05
10
µA
for
V
Q = 18 V
Output fall time
t
f
0.2
1
µs
R
L = 1.2 kΩ; CL < 50 pF
see:
Figure 3 on Page 12
Output rise time
t
r
0.2
1
µs
Chopper frequency
f
OSC
320
kHz
Switching frequency
f
SW
0
15
2) To operate the sensor at the max. switching frequency, the magnetic signal amplitude must be 1.4 times
higher than for static fields. This is due to the -3 dB corner frequency of the low pass filter in the signal path.
2)
kHz
Delay time
3) Systematic delay between magnetic threshold reached and output switching
3)
t
d
13
µs
Count Signal Delay
t
dc
50
200
1000 ns
Output jitter
4) Jitter is the unpredictable deviation of the output switching delay
4)
t
QJ
1
µsRMS Typ. value for square-
wave signal 1 kHz
Repeatability of
magnetic thresholds
5)
BREP is equivalent to the noise constant
5)
B
REP
40
µTRMS Typ. value for
B/∆t > 12 mT/ms
Power-on time
6) Time from applying
V
S ≥ 2.7 V to the sensor until the output state is valid
6)
t
PON
13
µs
V
S ≥ 2.7 V
Distance of hall plates
d
HALL
1.45
mm
Thermal resistance
7) Thermal resistance from junction to ambient
7)
R
thJA
–-
-
–190 K/W
PG-SSO-4-1


유사한 부품 번호 - TLE4966L_09

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4966L INFINEON-TLE4966L Datasheet
170Kb / 11P
   High Precision Hall-Effect Switch
Version 1.0 2003-11-20
More results

유사한 설명 - TLE4966L_09

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
   High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
   Hall-Effect Sensor with Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
   Hall-Effect Sensors with Direction Detection
HAL710 MICRONAS-HAL710_2 Datasheet
168Kb / 2P
   Hall-Effect Sensors with Direction Detection
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Infineon Technologies A...
TLE4966-3K INFINEON-TLE4966-3K Datasheet
1Mb / 15P
   High Sensitivity Automotive Hall Switch with direction detection
Rev.1.0, 2010-09-20
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
   Hall Effect Direction Detection Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com