전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI11N65C3 데이터시트(PDF) 8 Page - Infineon Technologies AG

부품명 SPI11N65C3
상세설명  Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI11N65C3 데이터시트(HTML) 8 Page - Infineon Technologies AG

Back Button SPI11N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 9Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 10Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 11Page - Infineon Technologies AG SPI11N65C3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
200
9-11-30
Rev. 2.9
1
Page 8
SPP11N65C3,SPA11N65C3
SPI11N65C3
13 Typ. switching time
t = f (ID), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, RG=6.8Ω
0
2
4
6
8
A
12
ID
0
5
10
15
20
25
30
35
40
45
50
55
60
ns
70
tr
td(off)
td(on)
tf
14 Typ. switching time
t = f (R
G), inductive load, Tj=125°C
par.: VDS=380V, VGS=0/+13V, ID=11 A
0
10
20
30
40
50
70
RG
0
50
100
150
200
250
ns
350
td(off)
td(on)
tr
tf
15 Typ. drain current slope
di/dt = f(R
G), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=11A
0
20
40
60
80
120
RG
0
500
1000
1500
2000
A/µs
3000
di/dt(on)
di/dt(off)
16 Typ. drain source voltage slope
dv/dt = f(R
G), inductive load, Tj = 125°C
par.: VDS=380V, VGS=0/+13V, ID=11A
0
10
20
30
40
50
70
RG
10
20
30
40
50
60
70
80
90
100
110
120
V/ns
140
dv/dt(off)
dv/dt(on)


유사한 부품 번호 - SPI11N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPI11N65C3 INFINEON-SPI11N65C3 Datasheet
816Kb / 14P
   Cool MOS??Power Transistor
2003-08-15
SPI11N65C3 INFINEON-SPI11N65C3 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
logo
Inchange Semiconductor ...
SPI11N65C3 ISC-SPI11N65C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI11N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPP12N50C3 INFINEON-SPP12N50C3_09 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
SPP02N60S5 INFINEON-SPP02N60S5_09 Datasheet
357Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-26
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
   Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
SPP11N60CFD INFINEON-SPP11N60CFD_07 Datasheet
680Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2007-08-30
IPW60R250CP INFINEON-IPW60R250CP Datasheet
538Kb / 11P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.2 2009-04-01
SPP11N60C3 INFINEON-SPP11N60C3_09 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
SPP07N60S5 INFINEON-SPP07N60S5_09 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
SPP21N50C3 INFINEON-SPP21N50C3_09 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
SPI20N60CFD INFINEON-SPI20N60CFD Datasheet
366Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.5 2007-02-01
SPB02N60S5 INFINEON-SPB02N60S5_07 Datasheet
349Kb / 10P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.4 2007-02-14
SPP20N60CFD INFINEON-SPP20N60CFD_09 Datasheet
339Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.6 2009-11-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com