전자부품 데이터시트 검색엔진 |
|
TLE7185-1E 데이터시트(PDF) 7 Page - Infineon Technologies AG |
|
TLE7185-1E 데이터시트(HTML) 7 Page - Infineon Technologies AG |
7 / 23 page Data Sheet 7 Rev. 2.4, 2010-07-16 TLE7185-1E General Product Characteristics 4 General Product Characteristics 4.1 Absolute Maximum Ratings Absolute Maximum Ratings 1) 40 °C ≤ T j ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified) Pos. Parameter Symbol Limit Values Unit Conditions Min. Max. Voltages 4.1.1 Supply voltage VS -0.3 45 V – 4.1.2 Supply voltage VSR1 -1.0 45 V t < 60s, 5x 4.1.3 Supply voltage VSR2 -4.0 45 V RVS ≥ 4.7Ω;; 500ms, 5x 4.1.4 Voltage range at VDH VVDH -0.3 55 V – 4.1.5 Voltage range at VDH VVDHR1 -4.0 55 V RVDH ≥10Ω; 500ms, 5x 4.1.6 Voltage range at IHx, ILx, ENA, INH, STOE VDP -0.3 18 V – 4.1.7 Voltage range at ERRx VERR -0.3 18 V RERR ≥ 5kΩ 4.1.8 Voltage range at SCDL VSCDL -0.3 18 V RSCDL ≥ 10kΩ 4.1.9 Voltage range at DT VDT -0.3 6 V – 4.1.10 Voltage range at BHx VBH -0.3 55 V – 4.1.11 Voltage range at GHx VGH -0.3 55 V – 4.1.12 Voltage range at GHx VGHP -7.0 55 V t<1µs / f=50kHz 4.1.13 Voltage range at SHx VSH -2.6 45 V – 4.1.14 Voltage range at SHx VSHP -7.0 45 V t<1µs / f=50kHz 4.1.15 Voltage range at GLx VGL -1.0 18 V – 4.1.16 Voltage range at GLx VGLP -7.0 18 V t<0.5µs /f=50kHz 4.1.17 Voltage range at SLx VSL -1.0 5.0 V – 4.1.18 Voltage range at SLx VSLP -7.0 7.0 V t<0.5µs /f=50kHz 4.1.19 Voltage difference Gxx-Sxx VGS -0.3 15 V – 4.1.20 Voltage difference BHx-SHx VBS -0.3 15 V – 4.1.21 Minimum bootstrap capacitor CBS CBS 330 – nF – 4.1.22 Voltage range at CL VCL -0.3 25 V – 4.1.23 Voltage range at CH, CB VCHB -0.3 25 V – 4.1.24 Voltage difference CH-CL VCHL -0.3 25 V – Temperatures 4.1.25 Junction temperature Tj -40 150 °C– 4.1.26 Storage temperature Tstg -55 150 °C– Power Dissipation 4.1.27 Power Dissipation (DC) @ TCASE=135°C Ptot –3 W – ESD Susceptibility |
유사한 부품 번호 - TLE7185-1E |
|
유사한 설명 - TLE7185-1E |