전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE7209-2R 데이터시트(PDF) 7 Page - Infineon Technologies AG

부품명 TLE7209-2R
상세설명  7 A H-Bridge for DC-Motor Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7209-2R 데이터시트(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7209-2R Datasheet HTML 3Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 4Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 5Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 6Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 7Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 8Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 9Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 10Page - Infineon Technologies AG TLE7209-2R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TLE 7209-2R
Circuit Description
Data Sheet
7
Rev. 1.4, 2007-04-05
2.2.2
Temperature-depending Current Reduction
For TILR < Tj <TSD the current limit decreases from IL =6.6 A ± 1.1 A to
IL =2.5 A ± 1.1 A as shown in Figure 4
Figure 4
Temperature dependent current reduction
2.3
Protection
The TLE 7209-2R is protected against short circuits, overload and invalid supply voltage
by the following measures:
2.3.1
Short circuit to Ground
The high-side switches are protected against a short of the output to ground by an over
current shut-down. If a high-side switch is turned on and the current rises above the short
circuit detection current
IOUK all output transistors are turned off after a typical filter time
of 2
µs, and the error bit “Short Circuit to Ground on output 1 (2)”, SCG1 (SCG2) is stored
in the internal status register.
2.3.2
Short circuit to VS
Due to the chopper current regulation, the low-side switches are already protected
against a short to the supply voltage. To be able to distinguish a short circuit from normal
current limit operation, the current limitation is deactivated for the blanking time
tb after
the current has exceeded the current limit threshold
IL. If the short circuit detection
current
IOUK is reached within this blanking time, a short circuit is detected (see
Figure 5). All output transistors are turned OFF and the according error bit “Short Circuit
to Battery on output 1 (2)”, SCB1 (SCB2) is set.
A
6.6A
2.5A
Tj
°C
T
SD
tolerance of temperature
dependent current
reduction
rangeof over-
temperature shut-down
I
L
T
ILR


유사한 부품 번호 - TLE7209-2R

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE7209-2R INFINEON-TLE7209-2R Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
More results

유사한 설명 - TLE7209-2R

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE7209-2R INFINEON-TLE7209-2R_10 Datasheet
385Kb / 32P
   7 A H-Bridge for DC-Motor Applications
Rev. 1.5, 2010-11-05
TLE7209-2R INFINEON-TLE7209-2R Datasheet
335Kb / 32P
   7 A H-Bridge for DC-Motor Applications
V1.0, 2004-mar-12
TLE6209R INFINEON-TLE6209R_10 Datasheet
705Kb / 30P
   7 A H-Bridge for DC-Motor Applications
Rev.3.2 2010-09-10
TLE6209R INFINEON-TLE6209R Datasheet
278Kb / 28P
   7 A H-Bridge for DC-Motor Applications
Version 3.0 2001-10-15
TLE6209R INFINEON-TLE6209R_07 Datasheet
329Kb / 30P
   7 A H-Bridge for DC-Motor Applications
2007-08-01 Rev.3.1
TLE5206-2G INFINEON-TLE5206-2G Datasheet
198Kb / 22P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2 Datasheet
214Kb / 23P
   5-A H-Bridge for DC-Motor Applications
2001-06-19
TLE5205-2 INFINEON-TLE5205-2_07 Datasheet
342Kb / 25P
   5-A H-Bridge for DC-Motor Applications
Rev. 1.1, 2007-07-31
TLE5206-2 INFINEON-TLE5206-2_07 Datasheet
335Kb / 24P
   5-A H-Bridge for DC-Motor Applications
Rev.1.1, 2007-07-31
logo
Rohm
BD6211HFP ROHM-BD6211HFP Datasheet
266Kb / 5P
   H-bridge driver for DC brush motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com