전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI15N65C3 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 SPI15N65C3
상세설명  CoolMOSTM Power Transistor Features Extreme dv/dt rated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI15N65C3 데이터시트(HTML) 4 Page - Infineon Technologies AG

  SPI15N65C3 Datasheet HTML 1Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 2Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 3Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 4Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 5Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 6Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 7Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 8Page - Infineon Technologies AG SPI15N65C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SPI15N65C3
1 Power dissipation
2 Safe operating area
P tot=f(T C)
I D=f(V DS); T C=25 °C; D =0
parameter: t p
3 Max. transient thermal impedance
4 Typ. output characteristics
Z(thJC)=f(tp)
I D=f(V DS); T j=25 °C
parameter: D=t p/T
parameter: V GS
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
T C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
3
10
2
10
1
10
0
10
2
10
1
10
0
10
-1
V DS [V]
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
-1
10
-2
10
-3
10
-4
10
-5
10
0
10
-1
10
-2
t p [s]
4.5 V
5 V
5.5 V
6 V
7 V
8 V
10 V
20 V
0
10
20
30
40
50
0
5
10
15
20
25
V DS [V]
limited by on-state
resistance
Rev. 2.0
page 4
2007-09-10


유사한 부품 번호 - SPI15N65C3

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
SPI15N65C3 ISC-SPI15N65C3 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - SPI15N65C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPA08N80C3 INFINEON-SPA08N80C3_09 Datasheet
338Kb / 10P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 3.0 2009-12-22
IPW50R350CP INFINEON-IPW50R350CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features Ultra low gate charge Extreme dv/dt rated
Rev. 2.0 2007-11-07
SPP24N60CFD INFINEON-SPP24N60CFD Datasheet
338Kb / 12P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 1.2 2007-08-28
IPW50R299CP INFINEON-IPW50R299CP Datasheet
536Kb / 11P
   CoolMOSTM Power Transistor Features Extreme dv/dt rated High peak current capability
Rev. 2.0 2007-11-07
SPA20N60CFD INFINEON-SPA20N60CFD_09 Datasheet
654Kb / 12P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 1.3 2009-12-22
SPW17N80C3 INFINEON-SPW17N80C3_08 Datasheet
683Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology Extreme dv/dt rated
Rev. 2.9 2008-10-15
logo
International Rectifier
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFU010 IRF-IRFU010 Datasheet
275Kb / 8P
   AVALANCHE AND dv/dt RATED
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com