전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBTA56 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 SMBTA56
상세설명  PNP Silicon AF Transistor Low collector-emitter saturation voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA56 데이터시트(HTML) 3 Page - Infineon Technologies AG

  SMBTA56_07 Datasheet HTML 1Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 2Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 3Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 4Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 5Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 6Page - Infineon Technologies AG SMBTA56_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2007-04-19
3
SMBTA56/MMBTA56
DC current gain hFE = ƒ(IC)
VCE = 1 V
EHP00852
10
h
C
FE
10
1
10
-1
0
Ι
100 C
25 C
-50 C
1
10
2
10
3
10
mA
2
10
3
10
0
10
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
0.0
10
EHP00850
CEsat
V
0
3
10
Ι
C
mA
1
10
2
10
C
5
5
100
25 C
-50C
0.5
V
1.0
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
EHP00849
10
0
V
BEsat
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 ˚C
25 ˚C
-50 ˚C
Collector current IC = ƒ(VBE)
VCE = 1V
EHP00846
10
0
V
BE
1.5
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
mA
5
10
2
100 C
25 C
-50 C


유사한 부품 번호 - SMBTA56_07

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SMBTA56M SIEMENS-SMBTA56M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor
logo
Infineon Technologies A...
SMBTA56M INFINEON-SMBTA56M Datasheet
45Kb / 4P
   PNP Silicon AF Transistor
Nov-30-2001
SMBTA56 INFINEON-SMBTA56_11 Datasheet
532Kb / 7P
   PNP Silicon AF Transistor
2011-08-05
More results

유사한 설명 - SMBTA56_07

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Siemens Semiconductor G...
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Leshan Radio Company
LBSS5350SY3T1G LRC-LBSS5350SY3T1G Datasheet
541Kb / 5P
   PNP TRANSISTOR Low collector-to-emitter saturation voltage.
logo
AUK corp
DP500 AUK-DP500 Datasheet
51Kb / 3P
   PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
DP500F AUK-DP500F Datasheet
47Kb / 3P
   PNP Silicon Transistor (Extremely low collector-to-emitter saturation voltage)
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX41 SIEMENS-BCX41 Datasheet
140Kb / 4P
   NPN Silicon AF and Switching Transistor (High breakdown voltage Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBT3904PN INFINEON-SMBT3904PN_07 Datasheet
108Kb / 9P
   NPN / PNP Silicon Switching Transistor Array Low collector-emitter saturation voltage
2007-03-28
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com