전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBTA14 데이터시트(PDF) 4 Page - Infineon Technologies AG

부품명 SMBTA14
상세설명  NPN Silicon Darlington Transistor High collector current Low collector-emitter saturation voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA14 데이터시트(HTML) 4 Page - Infineon Technologies AG

  SMBTA14_07 Datasheet HTML 1Page - Infineon Technologies AG SMBTA14_07 Datasheet HTML 2Page - Infineon Technologies AG SMBTA14_07 Datasheet HTML 3Page - Infineon Technologies AG SMBTA14_07 Datasheet HTML 4Page - Infineon Technologies AG SMBTA14_07 Datasheet HTML 5Page - Infineon Technologies AG SMBTA14_07 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2007-04-19
4
SMBTA14/MMBTA14
Transition frequency fT = ƒ(IC)
VCE = 5 V, f = 200 MHz
10
EHP00825
SMBTA 13/14
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
55
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
VCB/VEB
1
3
5
7
9
11
13
15
pF
19
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
EHP00824
SMBTA 13/14
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
t p
=
D
T
t p
T
tot max
tot
P
DC
P
p
t


유사한 부품 번호 - SMBTA14_07

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SMBTA14 INFINEON-SMBTA14_11 Datasheet
531Kb / 7P
   NPN Silicon Darlington Transistor
2011-12-19
More results

유사한 설명 - SMBTA14_07

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
   Low Collector-Emitter Saturation Voltage Large Collector Current
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBT2222A INFINEON-SMBT2222A_07 Datasheet
83Kb / 8P
   NPN Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
logo
Leshan Radio Company
LBSS4350SY3T1G LRC-LBSS4350SY3T1G Datasheet
669Kb / 5P
   NPN TRANSISTOR Low collector-to-emitter saturation voltage.
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com