전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7810 데이터시트(PDF) 3 Page - Hamamatsu Corporation

부품명 L7810
상세설명  Light level control of light source Sensitivity control of optical sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HAMAMATSU [Hamamatsu Corporation]
홈페이지  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7810 데이터시트(HTML) 3 Page - Hamamatsu Corporation

  L7810_09 Datasheet HTML 1Page - Hamamatsu Corporation L7810_09 Datasheet HTML 2Page - Hamamatsu Corporation L7810_09 Datasheet HTML 3Page - Hamamatsu Corporation L7810_09 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONAL OUTLINES (Unit: mm)
LAMP HOUSING
POWER SUPPLY
L7810, L7810-02 (Xenon Lamp)
TLSOA0066EC
TLSOA0090EB
* For cable to connect lamp housing with power supply, length: 2 m
LAMP ON
TIME COUNTER
TIME COUNTER RESET
OUTPUT CURRENT
POWER
INTER LOCK
OVER HEAT
(A dc)
POWER
CALIBRATED XENON
LIGHT SOURCE
OUTPUT
100-240V~350VA
50/60Hz
144
282
CONNECTOR *
REAR VIEW
SIDE VIEW
FRONT VIEW
COOLING FAN
100
COOLING FAN
OUTPUT
WINDOW
28
50
5
100
5
78
39
FRONT VIEW
BOTTOM VIEW
SIDE VIEW
CONNECTOR *
M4
4-M4
Plastic feet attached as standard features.
These can be removed to use their holes
for installation of lamp housing.
REFERRENCE
SURFACE OF
CALIBRATION


유사한 부품 번호 - L7810_09

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 52P
   Positive voltage regulators
L7810C STMICROELECTRONICS-L7810C Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
L7810CD2T STMICROELECTRONICS-L7810CD2T Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7810CD2T-TR STMICROELECTRONICS-L7810CD2T-TR Datasheet
1Mb / 34P
   POSITIVE VOLTAGE REGULATORS
L7810CD2T-TR STMICROELECTRONICS-L7810CD2T-TR Datasheet
1Mb / 47P
   Positive voltage regulators
August 2006
More results

유사한 설명 - L7810_09

제조업체부품명데이터시트상세설명
logo
Mallory Sonalert Produc...
ZT028LAIC1G MSPI-ZT028LAIC1G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3G MSPI-ZT028LAIC3G Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1Y MSPI-ZT028LDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3G MSPI-ZT028LDIC3G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC1R MSPI-ZT028LAIC1R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LAIC3R MSPI-ZT028LAIC3R Datasheet
117Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC2G MSPI-ZT028LDIC2G Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028MDIC1Y MSPI-ZT028MDIC1Y Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC1R MSPI-ZT028LDIC1R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
ZT028LDIC3R MSPI-ZT028LDIC3R Datasheet
135Kb / 1P
   INDIVIDUAL CONTROL OF LIGHT AND SOUND
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com