전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZD9.1 데이터시트(PDF) 3 Page - Sanyo Semicon Device

부품명 DZD9.1
상세설명  0.2W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZD9.1 데이터시트(HTML) 3 Page - Sanyo Semicon Device

  DZD9.1 Datasheet HTML 1Page - Sanyo Semicon Device DZD9.1 Datasheet HTML 2Page - Sanyo Semicon Device DZD9.1 Datasheet HTML 3Page - Sanyo Semicon Device DZD9.1 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No.2128-3/4
DZD2.0 to 24
Type No.
Zener Characteristics
Reverse Current
Zener Voltage VZ [V]*
Test
Voltage
VR
Dynamic Resistance
rd [Ω]
f=1kHz
Test
Current
IR
min
max
Sub-
division
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
17.46
18.43
16.80
17.76
18.13
19.10
19.48
20.46
18.80
19.78
20.16
21.20
21.48
22.56
20.80
21.88
22.16
23.30
23.61
24.92
22.80
24.11
24.42
25.60
min
max
DZD18
DZD20
DZD22
DZD24
16.80
19.10
18.80
21.20
20.80
23.30
22.80
25.60
max
[
µA]
[V]
[mA]
typ
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
14.0
14.0
14.0
15.0
15.0
15.0
17.0
17.0
17.0
19.0
19.0
19.0
20
4.0
20
4.0
20
4.0
25
5.0
25
5.0
25
5.0
30
6.0
30
6.0
30
6.0
40
8.0
40
8.0
40
8.0
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
Zener voltage VZ will be subdivided into X, Y, Z at your request.
* : t=30ms


유사한 부품 번호 - DZD9.1

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD30 SANYO-DZD30 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD33 SANYO-DZD33 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD36 SANYO-DZD36 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD39 SANYO-DZD39 Datasheet
46Kb / 2P
   0.2W Zener Diodes
More results

유사한 설명 - DZD9.1

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C2V0S LUGUANG-BZT52C2V0S Datasheet
1Mb / 3P
   0.2W Zener Diode
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com