전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22670Q 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM22670Q
상세설명  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670Q 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM22670Q Datasheet HTML 1Page - National Semiconductor (TI) LM22670Q Datasheet HTML 2Page - National Semiconductor (TI) LM22670Q Datasheet HTML 3Page - National Semiconductor (TI) LM22670Q Datasheet HTML 4Page - National Semiconductor (TI) LM22670Q Datasheet HTML 5Page - National Semiconductor (TI) LM22670Q Datasheet HTML 6Page - National Semiconductor (TI) LM22670Q Datasheet HTML 7Page - National Semiconductor (TI) LM22670Q Datasheet HTML 8Page - National Semiconductor (TI) LM22670Q Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Output
Voltage
Order Number
Package Type
NSC Package
Drawing
Supplied As
Features
5.0
LM22670MR-5.0
PSOP-8 Exposed Pad
MRA08B
95 Units in Rails
5.0
LM22670MRE-5.0
250 Units in Tape and Reel
5.0
LM22670MRX-5.0
2500 Units in Tape and Reel
5.0
LM22670QMR-5.0
95 Units in Rails
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
5.0
LM22670QMRE-5.0
250 Units in Tape and Reel
5.0
LM22670QMRX-5.0
2500 Units in Tape and Reel
5.0
LM22670TJE-5.0
TO-263 THIN Exposed
Pad
TJ7A
250 Units in Tape and Reel
5.0
LM22670TJ-5.0
1000 Units in Tape and Reel
5.0
LM22670QTJE-5.0
250 Units in Tape and Reel
AEC-Q100 Grade 1
qualified. Automotive
Grade Production
Flow*
5.0
LM22670QTJ-5.0
1000 Units in Tape and Reel
*Automotive Grade (Q) product incorporates enhanced manufacturing and support processes for the automotive market, including defect detection methodologies.
Reliability qualification is compliant with the requirements and temperature grades defined in the AEC-Q100 standard. Automotive grade products are identified
with the letter Q. For more information go to http://www.national.com/automotive.
3
www.national.com


유사한 부품 번호 - LM22670Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22670QMR-5.0 TI-LM22670QMR-5.0 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670QMR-5.0/NOPB TI1-LM22670QMR-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670QMR-5.0/NOPB TI1-LM22670QMR-5.0/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
LM22670QMR-ADJ TI-LM22670QMR-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670QMR-ADJ/NOPB TI1-LM22670QMR-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results

유사한 설명 - LM22670Q

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com