전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM74ALS174M 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 DM74ALS174M
상세설명  Hex/Quad D-Type Flip-Flops with Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS174M 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS174M Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS174M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
May 2007
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS174, DM74ALS175 Rev. 1.2
DM74ALS174, DM74ALS175
Hex/Quad D-Type Flip-Flops with Clear
Features
Advanced oxide-isolated ion-implanted Schottky
TTL process
Pin and functional compatible with LS family
counterpart
Typical clock frequency maximum is 80MHz
Switching performance guaranteed over full
temperature and VCC supply range
General Description
These
positive-edge-triggered
flip-flops
utilize
TTL
circuitry to implement D-type flip-flop logic. Both have an
asynchronous clear input, and the quad (DM74ALS175)
version features complementary outputs from each
flip-flop.
Information at the D inputs meeting the setup time
requirements is transferred to the Q outputs on the
positive-going edge of the clock pulse. Clock triggering
occurs at a particular voltage level and is not directly
related to the transition time of the positive-going pulse.
When the clock input is at either the HIGH or LOW level,
the D input signal has no effect at the output.
Ordering Information
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering number.
Ordering
Code
Package
Number
Package Description
DM74ALS174M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
DM74ALS174SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS175M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
DM74ALS175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS175N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


유사한 부품 번호 - DM74ALS174M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74ALS174M FAIRCHILD-DM74ALS174M Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174MX FAIRCHILD-DM74ALS174MX Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
More results

유사한 설명 - DM74ALS174M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com